Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA4404BCB Datasheet (PDF) - Intersil Corporation

HA4404BCB Datasheet PDF - Intersil Corporation
Part # HA4404BCB
Download  HA4404BCB Download
File Size   95.91 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 330MHz, 4 x 1 Video Crosspoint Switch with Tally Outputs

HA4404BCB Datasheet (PDF)

Go To PDF Page Download Datasheet
HA4404BCB Datasheet PDF - Intersil Corporation

Part # HA4404BCB
Download  HA4404BCB Click to download

File Size   95.91 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 330MHz, 4 x 1 Video Crosspoint Switch with Tally Outputs

HA4404BCB Datasheet (HTML) - Intersil Corporation


HA4404BCB Product details

Description
The HA4404B is a very wide bandwidth 4 x 1 crosspoint switch ideal for professional video switching, HDTV, computer monitor routing, and other high performance applications. The circuit features very low power dissipation (105mW Enabled, 4mW Disabled), excellent differential gain and phase, and very high off isolation. When disabled, the output is switched to a high impedance state, making the HA4404B ideal for routing matrix equipment.

Features
• Low Power Dissipation . . . . . . . . . . . . . . . . . . . 105mW
• Symmetrical Slew Rates . . . . . . . . . . . . . . . . . 1250V/µs
• 0.1dB Gain Flatness. . . . . . . . . . . . . . . . . . . . . . 165MHz
• -3dB Bandwidth . . . . . . . . . . . . . . . . . . . . . . . . . 330MHz
• Off Isolation (100MHz) . . . . . . . . . . . . . . . . . . . . . . 70dB
• Crosstalk Rejection (30MHz). . . . . . . . . . . . . . . . . 80dB
• Differential Gain and Phase . . . . . 0.01%/0.01 Degrees
• High ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . >2000V
• TTL Compatible Control Inputs
• Open Collector Tally Outputs
• Improved Replacement for GX4404

Applications
• Professional Video Switching and Routing
• HDTV
• Computer Graphics
• RF Switching and Routing




Similar Part No. - HA4404BCB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA4404BCB96 INTERSIL-HA4404BCB96 Datasheet
282Kb / 9P
330MHz, 4 x 1 Video Crosspoint Switch with Tally Outputs
June 2003
logo
Renesas Technology Corp
HA4404BCB96 RENESAS-HA4404BCB96 Datasheet
531Kb / 9P
330MHz, 4 x 1 Video Crosspoint Switch With Tally Outputs
More results


Similar Description - HA4404BCB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA4201 INTERSIL-HA4201 Datasheet
79Kb / 7P
480MHz, 1 x 1 Video Crosspoint Switch with Tally Output
September 1998
HA4314B INTERSIL-HA4314B Datasheet
127Kb / 10P
400MHz, 4 x 1 Video Crosspoint Switch
January 1999
HA4344B INTERSIL-HA4344B Datasheet
35Kb / 4P
350MHz, 4 x 1 Video Crosspoint Switch with Synchronous Controls
June 1998
logo
Maxim Integrated Produc...
MAX4111 MAXIM-MAX4111 Datasheet
100Kb / 12P
330MHz Buffered Video Switches/ Crosspoint Building Blocks
19-0402; Rev 0; 6/95
logo
Intersil Corporation
HA4244 INTERSIL-HA4244 Datasheet
145Kb / 6P
480MHz, 1 x 1 Video Crosspoint Switch with Synchronous Enable
September 1998
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
Video Crosspoint Switch Video Crosspoint Switch
logo
Intersil Corporation
HA4404B INTERSIL-HA4404B_03 Datasheet
282Kb / 9P
330MHz, 4 x 1 Video Crosspoint Switch with Tally Outputs
June 2003
HA4201 INTERSIL-HA4201_06 Datasheet
346Kb / 8P
480MHz, 1x1 Video Crosspoint Switch with Tally Output
March 8, 2007
logo
Renesas Technology Corp
HA4201 RENESAS-HA4201 Datasheet
440Kb / 8P
480MHz, 1x1 Video Crosspoint Switch with Tally Output
HA4404B RENESAS-HA4404B Datasheet
531Kb / 9P
330MHz, 4 x 1 Video Crosspoint Switch With Tally Outputs
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com