Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA7210IP Datasheet (PDF) - Intersil Corporation

HA7210IP Datasheet PDF - Intersil Corporation
Part # HA7210IP
Download  HA7210IP Download
File Size   127.71 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 10kHz to 10MHz, Low Power Crystal Oscillator

HA7210IP Datasheet (PDF)

Go To PDF Page Download Datasheet
HA7210IP Datasheet PDF - Intersil Corporation

Part # HA7210IP
Download  HA7210IP Click to download

File Size   127.71 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 10kHz to 10MHz, Low Power Crystal Oscillator

HA7210IP Datasheet (HTML) - Intersil Corporation


HA7210IP Product details

The HA7210 is a very low power crystal-controlled oscillators that can be externally programmed to operate between 10kHz and 10MHz. For normal operation it requires only the addition of a crystal. The part exhibits very high stability over a wide operating voltage and temperature range.



Features

• Single Supply Operation at 32kHz . . . . . . . . . . . . 2V to 7V

• Operating Frequency Range . . . . . . . . . .10kHz to 10MHz

• Supply Current at 32kHz . . . . . . . . . . . . . . . . . . . . . . .5µA

• Supply Current at 1MHz. . . . . . . . . . . . . . . . . . . . . .130µA

• Drives 2 CMOS Loads

• Only Requires an External Crystal for Operation

• Pb-Free Plus Anneal Available (RoHS Compliant)



Applications

• Battery Powered Circuits

• Remote Metering

• Embedded Microprocessors

• Palm Top/Notebook PC

• Related Literature

- AN9334, Improving HA7210 Start-Up Time




Similar Part No. - HA7210IP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA7210IP INTERSIL-HA7210IP Datasheet
314Kb / 15P
10kHz to 10MHz, Low Power Crystal Oscillator
August 5, 2005
More results


Similar Description - HA7210IP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP6872 INTERSIL-CDP6872 Datasheet
101Kb / 15P
Low Power Crystal Oscillator
January 1996
HA7210 INTERSIL-HA7210_05 Datasheet
314Kb / 15P
10kHz to 10MHz, Low Power Crystal Oscillator
August 5, 2005
logo
STATEK CORPORATION
LXOM STATEK-LXOM Datasheet
58Kb / 2P
Low Power Crystal Oscillator
DQXO-3 STATEK-DQXO-3 Datasheet
57Kb / 2P
Low Power Crystal Oscillator
LQXO-4 STATEK-LQXO-4 Datasheet
58Kb / 2P
Low Power Crystal Oscillator
LXOM-AT STATEK-LXOM-AT Datasheet
57Kb / 2P
Low Power Crystal Oscillator
LXO STATEK-LXO Datasheet
73Kb / 2P
Low Power Crystal Oscillator
logo
TAI-SAW TECHNOLOGY CO.,...
TW0280A TAI-SAW-TW0280A Datasheet
256Kb / 5P
SMD 5.0x3.2 10MHz Crystal Oscillator
logo
STATEK CORPORATION
LXO1 STATEK-LXO1_08 Datasheet
106Kb / 2P
Low Power Crystal Oscillator
logo
TAI-SAW TECHNOLOGY CO.,...
TW0471A TAI-SAW-TW0471A Datasheet
119Kb / 7P
SMD 7.0x5.0 10MHz Crystal Oscillator
REV. NO: 1.0
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com