Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA7210IP Datasheet(PDF) 2 Page - Intersil Corporation

Part # HA7210IP
Description  10kHz to 10MHz, Low Power Crystal Oscillator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA7210IP Datasheet(HTML) 2 Page - Intersil Corporation

  HA7210IP Datasheet HTML 1Page - Intersil Corporation HA7210IP Datasheet HTML 2Page - Intersil Corporation HA7210IP Datasheet HTML 3Page - Intersil Corporation HA7210IP Datasheet HTML 4Page - Intersil Corporation HA7210IP Datasheet HTML 5Page - Intersil Corporation HA7210IP Datasheet HTML 6Page - Intersil Corporation HA7210IP Datasheet HTML 7Page - Intersil Corporation HA7210IP Datasheet HTML 8Page - Intersil Corporation HA7210IP Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
Simplified Block Diagram
+
-
LEVEL
SHIFTER
BUFFER
BUFFER AMP
OSC IN 2
3 OSC OUT
EXTERNAL CRYSTAL
VDD
VDD
IBIAS
VDD - 1.4V
VDD - 2.2V
VDD - 3.0V
VDD - 3.8V
FREQ 1
FREQ 2
7
6
ENABLE
8
VDD
15pF
S1B
S1C
15pF
VDD
RF
VDD
VRN
VRN
S1A
S2
S3
S4
VDD
4
VSS
5
OUTPUT
VDD
1
N
P
VDD
VRN
P
IN
RF
OUT
OSCILLATOR
(NOTE 2)
(NOTE 2)
(NOTE 2)
1 OF 4
DECODE
FREQUENCY SELECTION TRUTH TABLE
ENABLE
FREQ 1
FREQ 2
SWITCH
OUTPUT RANGE
111
S1A, S1B, S1C
10kHz - 100kHz
110
S2
100kHz - 1MHz
101
S3
1MHz - 5MHz
100
S4
5MHz - 10MHz+
0
X
X
X
High Impedance
NOTE:
2. Logic input pull-up resistors are constant current source of 0.4
µA.
HA7210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com