Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA7210IP Datasheet(PDF) 3 Page - Intersil Corporation

Part # HA7210IP
Description  10kHz to 10MHz, Low Power Crystal Oscillator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA7210IP Datasheet(HTML) 3 Page - Intersil Corporation

  HA7210IP Datasheet HTML 1Page - Intersil Corporation HA7210IP Datasheet HTML 2Page - Intersil Corporation HA7210IP Datasheet HTML 3Page - Intersil Corporation HA7210IP Datasheet HTML 4Page - Intersil Corporation HA7210IP Datasheet HTML 5Page - Intersil Corporation HA7210IP Datasheet HTML 6Page - Intersil Corporation HA7210IP Datasheet HTML 7Page - Intersil Corporation HA7210IP Datasheet HTML 8Page - Intersil Corporation HA7210IP Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
Absolute Maximum Ratings
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .10V
Voltage (Any Pin) . . . . . . . . . . . . . . . . . . . . VSS -0.3V to VDD +0.3V
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3015.7) . . .4000V
Operating Conditions
Temperature Range (Note 3) . . . . . . . . . . . . . . . . . . . -40oC to 85oC
Thermal Resistance (Typical, Note 4)
θ
JA (
oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
125
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
170
Maximum Junction Temperature (Plastic Package) . . . . . . . .150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationofthe
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
3. This product is production tested at 25oC only.
4.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
VSS = GND, TA = 25
oC, Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
VDD = 5V
VDD = 3V
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
VDD Supply Range
fOSC = 32kHz
2
5
7
-
-
-
V
IDD Supply Current
fOSC = 32kHz, EN = 0 (Standby)
-
5.0
9.0
-
-
-
µA
fOSC = 32kHz, CL = 10pF (Note 5),
EN = 1, Freq1 = 1, Freq2 = 1
-
5.2
10.2
-
3.6
6.1
µA
fOSC = 32kHz, CL = 40pF, EN = 1,
Freq1 = 1, Freq2 = 1
-
10
15
-
6.5
9
µA
fOSC = 1MHz, CL = 10pF (Note 5),
EN = 1, Freq1 = 0, Freq2 = 1
-
130
200
-
90
180
µA
fOSC = 1MHz, CL = 40pF, EN = 1,
Freq1 = 0, Freq2 = 1
-
270
350
-
180
270
µA
VOH Output High Voltage
IOUT = -1mA
4.0
4.9
-
-
2.8
-
V
VOL Output Low Voltage
IOUT = 1mA
-
0.07
0.4
-
0.1
-
V
IOH Output High Current
VOUT ≥ 4V
-
-10
-5
-
-
-
mA
IOL Output Low Current
VOUT ≤ 0.4V
5.0
10.0
-
-
-
-
mA
Three-State Leakage Current
VOUT = 0V, 5V, TA = 25
oC, -40oC
-
0.1
-
-
-
-
nA
VOUT = 0V, 5V, TA = 85
oC
-
10
-
-
-
-
nA
IIN Enable, Freq1, Freq2 Input Current
VIN = VSS to VDD
-
0.4
1.0
-
-
-
µA
VIH Input High Voltage Enable, Freq1, Freq2
2.0
-
-
-
-
-
V
VIL Input Low Voltage Enable, Freq1, Freq2
-
-
0.8
-
-
-
V
Enable Time
CL = 18pF, RL = 1kΩ
-
800
-
-
-
-
ns
Disable Time
CL = 18pF, RL = 1kΩ
-90-
-
-
-
ns
tr Output Rise Time
10% - 90%, fOSC = 32kHz, CL = 40pF
-
12
25
-
12
-
ns
tf Output Fall Time
10% - 90%, fOSC = 32kHz, CL = 40pF
-
12
25
-
14
-
ns
Duty Cycle, Packaged Part Only (Note 6)
CL = 40pF, fOSC = 1MHz
40
54
60
-
-
-
%
Duty Cycle, (See Typical Curves)
CL = 40pF, fOSC = 32kHz
-
41
-
-
44
-
%
Frequency Stability vs Supply Voltage
fOSC = 32kHz, VDD = 5V, CL = 10pF
-
1
-
-
-
-
ppm/V
Frequency Stability vs Temperature
fOSC = 32kHz, VDD = 5V, CL = 10pF
-
0.1
-
-
-
-
ppm/oC
Frequency Stability vs Load
fOSC = 32kHz, VDD = 5V, CL = 10pF
-
0.01
-
-
-
-
ppm/pF
NOTES:
5. Calculated using the equation IDD = IDD (No Load) + (VDD) (fOSC)(CL)
6. Duty cycle will vary with supply voltage, oscillation frequency, and parasitic capacitance on the crystal pins.
HA7210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com