Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC5526IP Datasheet (PDF) - Intersil Corporation

HC5526IP Datasheet PDF - Intersil Corporation
Part # HC5526IP
Download  HC5526IP Download
File Size   176.72 Kbytes
Page   18 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description ITU CO/PABX SLIC with Low Power Standby

HC5526IP Datasheet (PDF)

Go To PDF Page Download Datasheet
HC5526IP Datasheet PDF - Intersil Corporation

Part # HC5526IP
Download  HC5526IP Click to download

File Size   176.72 Kbytes
Page   18 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description ITU CO/PABX SLIC with Low Power Standby

HC5526IP Datasheet (HTML) - Intersil Corporation


HC5526IP Product details

The HC5526 is a subscriber line interface circuit that is compliant with CCITT standards. Enhancements include immunity to circuit latch-up during hot plug and absence of false signaling in the presence of longitudinal currents.

Features
• DI Monolithic High Voltage Process
• Programmable Current Feed (20mA to 60mA)
• Programmable Loop Current Detector Threshold and Battery Feed Characteristics
• Ground Key and Ring Trip Detection
• Compatible with Ericsson’s PBL3764
• Thermal Shutdown
• On-Hook Transmission
• Wide Battery Voltage Range (-24V to -58V)
• Low Standby Power
• Meets CCITT Transmission Requirements
• -40°C to 85°C Ambient Temperature Range

Applications
• On-Premises (ONS)
• Key Systems
• PBX
• Related Literature
    - AN9537, Operation of the HC5513/26 Evaluation Board




Similar Part No. - HC5526IP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC5526 INTERSIL-HC5526 Datasheet
415Kb / 20P
ITU CO/PABX SLIC with Low Power Standby
August 2003
logo
Renesas Technology Corp
HC5526 RENESAS-HC5526 Datasheet
993Kb / 19P
ITU CO/PABX SLIC with Low Power Standby
August 2003
logo
Intersil Corporation
HC5526CM INTERSIL-HC5526CM Datasheet
415Kb / 20P
ITU CO/PABX SLIC with Low Power Standby
August 2003
HC5526 INTERSIL-HC5526_03 Datasheet
415Kb / 20P
ITU CO/PABX SLIC with Low Power Standby
August 2003
More results


Similar Description - HC5526IP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC-5502B INTERSIL-HC-5502B Datasheet
84Kb / 9P
EIA/ITU PABX SLIC with 30mA Loop Feed
February 1999
HC-5504B1 INTERSIL-HC-5504B1 Datasheet
84Kb / 9P
ITU Low Cost, PABX SLIC With 40mA Loop Feed
February 1999
HC5515 INTERSIL-HC5515 Datasheet
170Kb / 17P
ITU CO/PABX SLIC with Low Power Standby
October 1998
HC-5504B INTERSIL-HC-5504B_04 Datasheet
222Kb / 9P
EIA/ITU PABX SLIC with 40mA Loop Feed
July 2004
HC-5504B1 INTERSIL-HC-5504B1_03 Datasheet
558Kb / 10P
ITU Low Cost, PABX SLIC With 40mA Loop Feed
August 2003
HC5526 INTERSIL-HC5526_03 Datasheet
415Kb / 20P
ITU CO/PABX SLIC with Low Power Standby
August 2003
HC5515 INTERSIL-HC5515_06 Datasheet
461Kb / 20P
ITU CO/PABX SLIC with Low Power Standby
June 6, 2006
logo
Renesas Technology Corp
HC5526 RENESAS-HC5526 Datasheet
993Kb / 19P
ITU CO/PABX SLIC with Low Power Standby
August 2003
HC-5502B RENESAS-HC-5502B Datasheet
636Kb / 11P
EIA/ITU PABX SLIC with 30mA Loop Feed
August 2003
HC-5504B1 RENESAS-HC-5504B1 Datasheet
578Kb / 10P
ITU Low Cost, PABX SLIC With 40mA Loop Feed
August 2003
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com