Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS139D Datasheet (PDF) - Intersil Corporation

HCS139D Datasheet PDF - Intersil Corporation
Part # HCS139D
Download  HCS139D Download
File Size   171.67 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer

HCS139D Datasheet (PDF)

Go To PDF Page Download Datasheet
HCS139D Datasheet PDF - Intersil Corporation

Part # HCS139D
Download  HCS139D Click to download

File Size   171.67 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer

HCS139D Datasheet (HTML) - Intersil Corporation


HCS139D Product details

Description
The Intersil HCS139MS is a Radiation Hardened 2-to-4 line Decoder/Demultiplexer with an active low enable (E). Data on the select inputs (A0, A1) cause one of the four normally high outputs to go to a low logic level. The Demultiplexing function is performed by using the enable input as the data input.

Features
• 3 Micron Radiation Hardened SOS CMOS
• Total Dose 200K RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/ Bit-Day (Typ)
• Dose Rate Survivability: >1 x 1012 RAD (Si)/s
• Dose Rate Upset >1010 RAD (Si)/s, 20ns Pulse
• Latch-Up Free Under Any Conditions
• Military Temperature Range: -55°C to +125°C
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• Input Logic Levels
    - VIL = 30% of VCC Max
    - VIH = 70% of VCC Min
• Input Current Levels Ii ≤ 5µA at VOL, VOH




Similar Part No. - HCS139D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCS139D RENESAS-HCS139D Datasheet
516Kb / 9P
Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
September 1995
HCS139DMSR RENESAS-HCS139DMSR Datasheet
516Kb / 9P
Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
September 1995
More results


Similar Description - HCS139D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS139MS INTERSIL-ACS139MS Datasheet
38Kb / 2P
Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
November 1997
HCS154MS INTERSIL-HCS154MS Datasheet
192Kb / 9P
Radiation Hardened 4-to-16 Line Decoder/Demultiplexer
September 1995
HCTS139MS INTERSIL-HCTS139MS Datasheet
160Kb / 9P
Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
September 1995
HS-54C138RH INTERSIL-HS-54C138RH Datasheet
38Kb / 6P
Radiation Hardened 3-Line to 8-Line Decoder/Demultiplexer
1996 02
HS-54C138RH INTERSIL-HS-54C138RH_00 Datasheet
537Kb / 4P
Radiation Hardened 3-Line to 8-Line Decoder/Demultiplexer
August 2000
HCS154MS INTERSIL-HCS154MS_11 Datasheet
383Kb / 8P
Radiation Hardened 4 to 16 Line Decoder/Demultiplexer
January 6, 2011
logo
Renesas Technology Corp
HCS138MS RENESAS-HCS138MS Datasheet
478Kb / 11P
Radiation Hardened Inverting3-to-8 Line Decoder/Demultiplexer
Feb 24, 2022
HCS139MS RENESAS-HCS139MS Datasheet
516Kb / 9P
Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
September 1995
HCS154MS RENESAS-HCS154MS Datasheet
578Kb / 8P
Radiation Hardened 4 to 16 Line Decoder/Demultiplexer
January 6, 2011
HCTS139MS RENESAS-HCTS139MS Datasheet
834Kb / 9P
Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
Jan 13, 2017
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com