Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS139D Datasheet (PDF) - Renesas Technology Corp

HCS139D Datasheet PDF - Renesas Technology Corp
Part # HCS139D
Download  HCS139D Download
File Size   516.6 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer

HCS139D Datasheet (PDF)

Go To PDF Page Download Datasheet
HCS139D Datasheet PDF - Renesas Technology Corp

Part # HCS139D
Download  HCS139D Click to download

File Size   516.6 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer

HCS139D Datasheet (HTML) - Renesas Technology Corp


HCS139D Product details

Features
• 3 Micron Radiation Hardened SOS CMOS
• Total Dose 200K RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/
Bit-Day (Typ)
• Dose Rate Survivability: >1 x 1012 RAD (Si)/s
• Dose Rate Upset >1010 RAD (Si)/s, 20ns Pulse
• Latch-Up Free Under Any Conditions
• Military Temperature Range: -55oC to +125oC
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• Input Logic Levels
- VIL = 30% of VCC Max
- VIH = 70% of VCC Min
• Input Current Levels Ii  5A at VOL, VOH




Similar Part No. - HCS139D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS139D INTERSIL-HCS139D Datasheet
171Kb / 9P
Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
September 1995
HCS139DMSR INTERSIL-HCS139DMSR Datasheet
171Kb / 9P
Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
September 1995
More results


Similar Description - HCS139D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS139MS INTERSIL-ACS139MS Datasheet
38Kb / 2P
Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
November 1997
HCS139MS INTERSIL-HCS139MS Datasheet
171Kb / 9P
Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
September 1995
HCS154MS INTERSIL-HCS154MS Datasheet
192Kb / 9P
Radiation Hardened 4-to-16 Line Decoder/Demultiplexer
September 1995
HCTS139MS INTERSIL-HCTS139MS Datasheet
160Kb / 9P
Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
September 1995
HS-54C138RH INTERSIL-HS-54C138RH Datasheet
38Kb / 6P
Radiation Hardened 3-Line to 8-Line Decoder/Demultiplexer
1996 02
HS-54C138RH INTERSIL-HS-54C138RH_00 Datasheet
537Kb / 4P
Radiation Hardened 3-Line to 8-Line Decoder/Demultiplexer
August 2000
HCS154MS INTERSIL-HCS154MS_11 Datasheet
383Kb / 8P
Radiation Hardened 4 to 16 Line Decoder/Demultiplexer
January 6, 2011
logo
Renesas Technology Corp
HCS138MS RENESAS-HCS138MS Datasheet
478Kb / 11P
Radiation Hardened Inverting3-to-8 Line Decoder/Demultiplexer
Feb 24, 2022
HCS154MS RENESAS-HCS154MS Datasheet
578Kb / 8P
Radiation Hardened 4 to 16 Line Decoder/Demultiplexer
January 6, 2011
HCTS139MS RENESAS-HCTS139MS Datasheet
834Kb / 9P
Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
Jan 13, 2017
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com