Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS139D Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HCS139D
Description  Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HCS139D Datasheet(HTML) 1 Page - Renesas Technology Corp

  HCS139D Datasheet HTML 1Page - Renesas Technology Corp HCS139D Datasheet HTML 2Page - Renesas Technology Corp HCS139D Datasheet HTML 3Page - Renesas Technology Corp HCS139D Datasheet HTML 4Page - Renesas Technology Corp HCS139D Datasheet HTML 5Page - Renesas Technology Corp HCS139D Datasheet HTML 6Page - Renesas Technology Corp HCS139D Datasheet HTML 7Page - Renesas Technology Corp HCS139D Datasheet HTML 8Page - Renesas Technology Corp HCS139D Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
FN3560 Rev 1.00
Page 1 of 9
September 1995
FN3560
Rev 1.00
September 1995
HCS139MS
Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
DATASHEET
Features
• 3 Micron Radiation Hardened SOS CMOS
• Total Dose 200K RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/
Bit-Day (Typ)
• Dose Rate Survivability: >1 x 1012 RAD (Si)/s
• Dose Rate Upset >1010 RAD (Si)/s, 20ns Pulse
• Latch-Up Free Under Any Conditions
• Military Temperature Range: -55oC to +125oC
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• Input Logic Levels
- VIL = 30% of VCC Max
- VIH = 70% of VCC Min
• Input Current Levels Ii
 5A at VOL, VOH
Description
The Intersil HCS139MS is a Radiation Hardened 2-to-4 line
Decoder/Demultiplexer with an active low enable (E). Data
on the select inputs (A0, A1) cause one of the four normally
high outputs to go to a low logic level. The Demultiplexing
function is performed by using the enable input as the data
input.
If the enable input is high all four outputs remain high. For
demultiplexer operation the enable input is the data input.
The enable input also functions as a chip select when these
devices are cascaded.
The HCS139MS utilizes advanced CMOS/SOS technology
to achieve high-speed operation. This device is a member of
radiation hardened, high-speed, CMOS/SOS Logic Family.
The HCS139MS is supplied in a 16 lead Ceramic flatpack
(K suffix) or a SBDIP Package (D suffix).
Pinouts
16 LEAD CERAMIC DUAL-IN-LINE
METAL SEAL PACKAGE (SBDIP)
MIL-STD-1835 CDIP2-T16, LEAD FINISH C
TOP VIEW
16 LEAD CERAMIC METAL SEAL
FLATPACK PACKAGE (FLATPACK)
MIL-STD-1835 CDFP4-F16, LEAD FINISH C
TOP VIEW
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
E1 1
A0 1
A1 1
Y0 1
Y1 1
Y2 1
GND
Y3 1
VCC
2 A0
2 A1
2 Y0
2 Y1
2 Y2
2 Y3
2 E
E1
A0 1
A1 1
Y0 1
Y1 1
Y2 1
Y3 1
GND
VCC
2 E
2 A0
2 A1
2 Y0
2 Y1
2 Y2
2 Y3
2
3
4
5
6
7
8
116
15
14
13
12
11
10
9
Ordering Information
PART NUMBER
TEMPERATURE RANGE
SCREENING LEVEL
PACKAGE
HCS139DMSR
-55oC to +125oC
Intersil Class S Equivalent
16 Lead SBDIP
HCS139KMSR
-55oC to +125oC
Intersil Class S Equivalent
16 Lead Ceramic Flatpack
HCS139D/Sample
+25oC
Sample
16 Lead SBDIP
HCS139K/Sample
+25oC
Sample
16 Lead Ceramic Flatpack
HCS139HMSR
+25oCDie
Die


Similar Part No. - HCS139D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS139D INTERSIL-HCS139D Datasheet
171Kb / 9P
Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
September 1995
HCS139DMSR INTERSIL-HCS139DMSR Datasheet
171Kb / 9P
Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
September 1995
More results

Similar Description - HCS139D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS139MS INTERSIL-ACS139MS Datasheet
38Kb / 2P
Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
November 1997
HCS139MS INTERSIL-HCS139MS Datasheet
171Kb / 9P
Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
September 1995
HCS154MS INTERSIL-HCS154MS Datasheet
192Kb / 9P
Radiation Hardened 4-to-16 Line Decoder/Demultiplexer
September 1995
HCTS139MS INTERSIL-HCTS139MS Datasheet
160Kb / 9P
Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
September 1995
HS-54C138RH INTERSIL-HS-54C138RH Datasheet
38Kb / 6P
Radiation Hardened 3-Line to 8-Line Decoder/Demultiplexer
1996 02
HS-54C138RH INTERSIL-HS-54C138RH_00 Datasheet
537Kb / 4P
Radiation Hardened 3-Line to 8-Line Decoder/Demultiplexer
August 2000
HCS154MS INTERSIL-HCS154MS_11 Datasheet
383Kb / 8P
Radiation Hardened 4 to 16 Line Decoder/Demultiplexer
January 6, 2011
logo
Renesas Technology Corp
HCS138MS RENESAS-HCS138MS Datasheet
478Kb / 11P
Radiation Hardened Inverting3-to-8 Line Decoder/Demultiplexer
Feb 24, 2022
HCS154MS RENESAS-HCS154MS Datasheet
578Kb / 8P
Radiation Hardened 4 to 16 Line Decoder/Demultiplexer
January 6, 2011
HCTS139MS RENESAS-HCTS139MS Datasheet
834Kb / 9P
Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
Jan 13, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com