Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS139D Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HCS139D
Description  Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HCS139D Datasheet(HTML) 4 Page - Renesas Technology Corp

  HCS139D Datasheet HTML 1Page - Renesas Technology Corp HCS139D Datasheet HTML 2Page - Renesas Technology Corp HCS139D Datasheet HTML 3Page - Renesas Technology Corp HCS139D Datasheet HTML 4Page - Renesas Technology Corp HCS139D Datasheet HTML 5Page - Renesas Technology Corp HCS139D Datasheet HTML 6Page - Renesas Technology Corp HCS139D Datasheet HTML 7Page - Renesas Technology Corp HCS139D Datasheet HTML 8Page - Renesas Technology Corp HCS139D Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
HCS139MS
FN3560 Rev 1.00
Page 4 of 9
September 1995
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
GROUP
A SUB-
GROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Propagation Delay
A0, A1 to Output
TPHL,
TPLH
VCC = 4.5V
9
+25oC
2
24
ns
10, 11
+125oC, -55oC
2
27
ns
Propagation Delay
Enable to Output
TPHL,
TPLH
VCC = 4.5V
9
+25oC
2
24
ns
10, 11
+125oC, -55oC
2
27
ns
NOTES:
1. All voltages referenced to device GND.
2. AC measurements assume RL = 500
, CL = 50pF, Input TR = TF = 3ns, VIL = GND, VIH = VCC
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Capacitance Power
Dissipation
CPD
VCC = 5.0V, VIH = 5.0V,
VIL = 0V, f = 1MHz
1+25oC
-
75
pF
1
+125oC, -55oC
-
156
pF
Input Capacitance
CIN
VCC = 5.0V, VIH = 5.0V,
VIL = 0V, f = 1MHz
1+25oC
-
10
pF
1
+125oC, -55oC
-
10
pF
Output Transition
Time
TTHL
TTLH
VCC = 4.5V, VIH = 4.5V,
VIL = 0V,
1+25oC
1
15
ns
1
+125oC, -55oC
1
22
ns
NOTE:
1. The parameters listed in Table 3 are controlled via design or process parameters. Min and Max Limits are guaranteed but not directly
tested. These parameters are characterized upon initial design release and upon design changes which affect these characteristics.
TABLE 4. DC POST RADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
TEMPERATURE
200K RAD
LIMITS
UNITS
MIN
MAX
Supply Current
ICC
VCC = 5.5V, VIN = VCC or GND
+25oC-
0.75
mA
Output Current (Sink)
IOL
VCC = 4.5V, VOUT = 0.4V
+25oC6.0
-
mA
Output Current
(Source)
IOH
VCC = 4.5V, VOUT = VCC -0.4V
+25oC-6.0
-
mA
Output Voltage Low
VOL
VCC = 4.5V, VIH = 3.15V, VIL = 1.35V,
IOL = 50
A
+25oC-
0.1
V
VCC = 5.5V, VIH = 3.85V, VIL = 1.65V,
IOL = 50
A
+25oC-
0.1
V
Output Voltage High
VOH
VCC = 4.5V, VIH = 3.15, VIL = 1.35V,
IOH = -50
A
+25oCVCC
-0.1
-V
VCC = 5.5V, VIH = 3.85, VIL = 1.65V,
IOH = -50
A
+25oCVCC
-0.1
-V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com