Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS193D Datasheet (PDF) - Intersil Corporation

HCS193D Datasheet PDF - Intersil Corporation
Part # HCS193D
Download  HCS193D Download
File Size   158.74 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Synchronous 4-Bit Up/Down Counter

HCS193D Datasheet (PDF)

Go To PDF Page Download Datasheet
HCS193D Datasheet PDF - Intersil Corporation

Part # HCS193D
Download  HCS193D Click to download

File Size   158.74 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Synchronous 4-Bit Up/Down Counter

HCS193D Datasheet (HTML) - Intersil Corporation


HCS193D Product details

Description
The Intersil HCS193MS is a Radiation Hardened 4-bit binary UP/ DOWN synchronous counter.
Presetting the counter to the number on the preset data inputs (P0 - P3) is accomplished by a low on the asynchronous parallel load input (PL). The counter is incremented on the low to high transition of the clock-up input (high on the clock-down), decremented on the low to high transition of the clock-down input (high on the clock-up). A high level on the MR input overrides any other input to clear the counter to zero. The Terminal Count Up goes low half a clock period before the zero count is reached and returns high at the maximum count.

Features
• 3 Micron Radiation Hardened CMOS SOS
• Total Dose 200K RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/Bit Day (Typ)
• Dose Rate Survivability: >1 x 1012 RAD (Si)/s
• Dose Rate Upset >1010 RAD (Si)/s 20ns Pulse
• Latch-Up Free Under Any Conditions
• Military Temperature Range: -55°C to +125°C
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• Input Logic Levels
    - VIL = 0.30% VCC Max
    - VIH = 0.70% VCC Min
• Input Current Levels Ii ≤ 5µA at VOL, VOH




Similar Part No. - HCS193D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCS193D RENESAS-HCS193D Datasheet
486Kb / 9P
Radiation Hardened Synchronous 4-Bit Up/Down Counter
September 1995
HCS193DMSR RENESAS-HCS193DMSR Datasheet
486Kb / 9P
Radiation Hardened Synchronous 4-Bit Up/Down Counter
September 1995
More results


Similar Description - HCS193D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS161MS INTERSIL-ACS161MS Datasheet
98Kb / 4P
Radiation Hardened 4-Bit Synchronous Counter
January 1996
CTS191MS INTERSIL-CTS191MS Datasheet
166Kb / 10P
Radiation Hardened Synchronous 4-Bit Up/Down Counter
September 1995
HCS190MS INTERSIL-HCS190MS Datasheet
121Kb / 9P
Radiation Hardened Synchronous 4-Bit Up/Down Counter
September 1995
HCTS190MS INTERSIL-HCTS190MS Datasheet
157Kb / 10P
Radiation Hardened Synchronous 4-Bit Up/Down Counter
September 1995
HCTS193MS INTERSIL-HCTS193MS Datasheet
158Kb / 9P
Radiation Hardened Synchronous 4-Bit Up/Down Counter
September 1995
HCTS191MS INTERSIL-HCTS191MS Datasheet
167Kb / 10P
Radiation Hardened Synchronous 4-Bit Up/Down Counter
September 1995
logo
Renesas Technology Corp
ACTS161MS RENESAS-ACTS161MS Datasheet
218Kb / 4P
Radiation Hardened 4-Bit Synchronous Counter
January 1996
HCS193MS RENESAS-HCS193MS Datasheet
486Kb / 9P
Radiation Hardened Synchronous 4-Bit Up/Down Counter
September 1995
HCTS191MS RENESAS-HCTS191MS Datasheet
510Kb / 10P
Radiation Hardened Synchronous 4-Bit Up/Down Counter
September 1995
HCTS193MS RENESAS-HCTS193MS Datasheet
485Kb / 9P
Radiation Hardened Synchronous 4-Bit Up/Down Counter
September 1995
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com