Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS193D Datasheet(PDF) 1 Page - Intersil Corporation

Part # HCS193D
Description  Radiation Hardened Synchronous 4-Bit Up/Down Counter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCS193D Datasheet(HTML) 1 Page - Intersil Corporation

  HCS193D Datasheet HTML 1Page - Intersil Corporation HCS193D Datasheet HTML 2Page - Intersil Corporation HCS193D Datasheet HTML 3Page - Intersil Corporation HCS193D Datasheet HTML 4Page - Intersil Corporation HCS193D Datasheet HTML 5Page - Intersil Corporation HCS193D Datasheet HTML 6Page - Intersil Corporation HCS193D Datasheet HTML 7Page - Intersil Corporation HCS193D Datasheet HTML 8Page - Intersil Corporation HCS193D Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
270
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999
Ordering Information
PART NUMBER
TEMPERATURE RANGE
SCREENING LEVEL
PACKAGE
HCS193DMSR
-55oC to +125oC
Intersil Class S Equivalent
16 Lead SBDIP
HCS193KMSR
-55oC to +125oC
Intersil Class S Equivalent
16 Lead Ceramic Flatpack
HCS193D/Sample
+25oC
Sample
16 Lead SBDIP
HCS193K/Sample
+25oC
Sample
16 Lead Ceramic Flatpack
HCS193HMSR
+25oC
Die
Die
HCS193MS
Radiation Hardened
Synchronous 4-Bit Up/Down Counter
Pinouts
16 LEAD CERAMIC DUAL-IN-LINE
METAL SEAL PACKAGE (SBDIP)
MIL-STD-1835 CDIP2-T16, LEAD FINISH C
TOP VIEW
16 LEAD CERAMIC METAL SEAL
FLATPACK PACKAGE (FLATPACK)
MIL-STD-1835 CDFP4-F16, LEAD FINISH C
TOP VIEW
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
Q1
Q0
CPD
CPU
Q2
GND
Q3
MR
TCD
TCU
PL
P2
P0
P1
VCC
P3
2
3
4
5
6
7
8
116
15
14
13
12
11
10
9
Q1
Q0
CPD
CPU
Q2
GND
Q3
P1
MR
TCD
TCU
PL
P2
P0
VCC
P3
Features
• 3 Micron Radiation Hardened CMOS SOS
• Total Dose 200K RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/Bit-
Day (Typ)
• Dose Rate Survivability: >1 x 1012 RAD (Si)/s
• Dose Rate Upset >1010 RAD (Si)/s 20ns Pulse
• Latch-Up Free Under Any Conditions
• Military Temperature Range: -55oC to +125oC
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• Input Logic Levels
- VIL = 0.30% VCC Max
- VIH = 0.70% VCC Min
• Input Current Levels Ii
≤ 5µA at VOL, VOH
Description
The Intersil HCS193MS is a Radiation Hardened 4-bit binary UP/
DOWN synchronous counter.
Presetting the counter to the number on the preset data inputs
(P0 - P3) is accomplished by a low on the asynchronous parallel
load input (PL). The counter is incremented on the low to high
transition of the clock-up input (high on the clock-down),
decremented on the low to high transition of the clock-down input
(high on the clock-up). A high level on the MR input overrides any
other input to clear the counter to zero. The Terminal Count Up
goes low half a clock period before the zero count is reached and
returns high at the maximum count.
The HCS193MS utilizes advanced CMOS/SOS technology to
achieve high-speed operation. This device is a member of
radiation hardened, high-speed, CMOS/SOS Logic Family.
September 1995
Spec Number
518759
File Number
3065.1


Similar Part No. - HCS193D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCS193D RENESAS-HCS193D Datasheet
486Kb / 9P
Radiation Hardened Synchronous 4-Bit Up/Down Counter
September 1995
HCS193DMSR RENESAS-HCS193DMSR Datasheet
486Kb / 9P
Radiation Hardened Synchronous 4-Bit Up/Down Counter
September 1995
More results

Similar Description - HCS193D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS161MS INTERSIL-ACS161MS Datasheet
98Kb / 4P
Radiation Hardened 4-Bit Synchronous Counter
January 1996
CTS191MS INTERSIL-CTS191MS Datasheet
166Kb / 10P
Radiation Hardened Synchronous 4-Bit Up/Down Counter
September 1995
HCS190MS INTERSIL-HCS190MS Datasheet
121Kb / 9P
Radiation Hardened Synchronous 4-Bit Up/Down Counter
September 1995
HCTS190MS INTERSIL-HCTS190MS Datasheet
157Kb / 10P
Radiation Hardened Synchronous 4-Bit Up/Down Counter
September 1995
HCTS193MS INTERSIL-HCTS193MS Datasheet
158Kb / 9P
Radiation Hardened Synchronous 4-Bit Up/Down Counter
September 1995
HCTS191MS INTERSIL-HCTS191MS Datasheet
167Kb / 10P
Radiation Hardened Synchronous 4-Bit Up/Down Counter
September 1995
logo
Renesas Technology Corp
ACTS161MS RENESAS-ACTS161MS Datasheet
218Kb / 4P
Radiation Hardened 4-Bit Synchronous Counter
January 1996
HCS193MS RENESAS-HCS193MS Datasheet
486Kb / 9P
Radiation Hardened Synchronous 4-Bit Up/Down Counter
September 1995
HCTS191MS RENESAS-HCTS191MS Datasheet
510Kb / 10P
Radiation Hardened Synchronous 4-Bit Up/Down Counter
September 1995
HCTS193MS RENESAS-HCTS193MS Datasheet
485Kb / 9P
Radiation Hardened Synchronous 4-Bit Up/Down Counter
September 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com