Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1688G Datasheet (PDF) - NEC

UPC1688G Datasheet PDF - NEC
Part # UPC1688G
Download  UPC1688G Download
File Size   56.2 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 5 V, 1.1 GHz WIDE BAND AND FLAT GAIN AMPLIFIER SILICON MMIC

UPC1688G Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC1688G Datasheet PDF - NEC

Part # UPC1688G
Download  UPC1688G Click to download

File Size   56.2 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 5 V, 1.1 GHz WIDE BAND AND FLAT GAIN AMPLIFIER SILICON MMIC

UPC1688G Datasheet (HTML) - NEC




Similar Part No. - UPC1688G

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC1688G RENESAS-UPC1688G Datasheet
207Kb / 10P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1996
UPC1688G-T1 RENESAS-UPC1688G-T1 Datasheet
207Kb / 10P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1996
UPC1688G-T2 RENESAS-UPC1688G-T2 Datasheet
207Kb / 10P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1996
logo
NEC
UPC1688G-TI NEC-UPC1688G-TI Datasheet
118Kb / 4P
NECs 1.0 GHz BANDWIDTH SILICON MMIC AMPLIFIER
More results


Similar Description - UPC1688G

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1651G NEC-UPC1651G Datasheet
75Kb / 2P
WIDE BAND UHF SILICON MMIC AMPLIFIER
UPC2710T NEC-UPC2710T Datasheet
95Kb / 6P
1.5 GHz SILICON MMIC WIDE-BAND AMPLIFIER
UPC2709T NEC-UPC2709T Datasheet
96Kb / 6P
2.5 GHz SILICON MMIC WIDE-BAND AMPLIFIER
UPC2708T NEC-UPC2708T Datasheet
140Kb / 6P
3 GHz SILICON MMIC WIDE-BAND AMPLIFIER
logo
M/A-COM Technology Solu...
MAAM28000 MA-COM-MAAM28000 Datasheet
221Kb / 4P
Wide Band GaAs MMIC Amplifier 2.0 - 8.0 GHz
logo
Renesas Technology Corp
UPC3242TB RENESAS-UPC3242TB Datasheet
334Kb / 21P
3.3 V, SILICON GERMANIUM MMIC WIDE BAND AMPLIFIER
logo
Advanced Semiconductor ...
AWB459 ASB-AWB459 Datasheet
945Kb / 12P
Wide band MMIC Amplifier
January 2015
AWG0023 ASB-AWG0023 Datasheet
582Kb / 13P
30 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
July 2014
AWG2020 ASB-AWG2020 Datasheet
667Kb / 13P
50 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
July 2014
AWG3017 ASB-AWG3017 Datasheet
928Kb / 19P
50 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
June 2014
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com