Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCTS21D Datasheet (PDF) - Intersil Corporation

HCTS21D Datasheet PDF - Intersil Corporation
Part # HCTS21D
Download  HCTS21D Download
File Size   148.41 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Dual 4-Input AND Gate

HCTS21D Datasheet (PDF)

Go To PDF Page Download Datasheet
HCTS21D Datasheet PDF - Intersil Corporation

Part # HCTS21D
Download  HCTS21D Click to download

File Size   148.41 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Dual 4-Input AND Gate

HCTS21D Datasheet (HTML) - Intersil Corporation


HCTS21D Product details

Description
The Intersil HCTS21MS is a Radiation Hardened Dual Input AND Gate. A high on all inputs forces the output to a High state.
The HCTS21MS utilizes advanced CMOS/SOS technology to achieve high-speed operation. This device is a member of radiation hardened, high-speed, CMOS/SOS Logic Family.
The HCTS21MS is supplied in a 14 lead Ceramic flatpack (K suffix) or a SBDIP Package (D suffix).

Features
• 3 Micron Radiation Hardened SOS CMOS
• Total Dose 200K RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/Bit-Day (Typ)
• Dose Rate Survivability: >1 x 1012 RAD (Si)/s
• Dose Rate Upset >1010 RAD(Si)/s 20ns Pulse
• Latch-Up Free Under Any Conditions
• Military Temperature Range: -55°C to +125°C
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• LSTTL Input Compatibility
    - VIL = 0.8V Max
    - VIH = VCC/2 Min
• Input Current Levels Ii ≤ 5µA at VOL, VOH




Similar Part No. - HCTS21D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS20D INTERSIL-HCTS20D Datasheet
132Kb / 9P
Radiation Hardened Dual 4-Input NAND Gate
September 1995
logo
Renesas Technology Corp
HCTS20D RENESAS-HCTS20D Datasheet
378Kb / 8P
Radiation Hardened Dual 4-Input NAND Gate
September 1995
logo
Intersil Corporation
HCTS20D/SAMPLE INTERSIL-HCTS20D/SAMPLE Datasheet
224Kb / 8P
Radiation Hardened Dual 4-Input NAND Gate
September 1995
HCTS20DMSR INTERSIL-HCTS20DMSR Datasheet
132Kb / 9P
Radiation Hardened Dual 4-Input NAND Gate
September 1995
HCTS20DMSR INTERSIL-HCTS20DMSR Datasheet
224Kb / 8P
Radiation Hardened Dual 4-Input NAND Gate
September 1995
More results


Similar Description - HCTS21D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS20MS INTERSIL-ACS20MS Datasheet
85Kb / 8P
Radiation Hardened Dual 4-Input NAND Gate
April 1995
ACS21MS INTERSIL-ACS21MS Datasheet
38Kb / 2P
Radiation Hardened Dual 4-Input AND Gate
July 1999
ACTS20MS INTERSIL-ACTS20MS Datasheet
10Kb / 1P
Radiation Hardened Dual 4-Input NAND Gate
April 1995
CTS20MS INTERSIL-CTS20MS Datasheet
132Kb / 9P
Radiation Hardened Dual 4-Input NAND Gate
September 1995
HCS20MS INTERSIL-HCS20MS Datasheet
179Kb / 8P
Radiation Hardened Dual 4-Input NAND Gate
September 1995
HCS21MS INTERSIL-HCS21MS Datasheet
184Kb / 8P
Radiation Hardened Dual 4-Input AND Gate
September 1995
HCTS4002MS INTERSIL-HCTS4002MS Datasheet
125Kb / 9P
Radiation Hardened Dual 4-Input NOR Gate
August 1995
HCTS20MS INTERSIL-HCTS20MS Datasheet
224Kb / 8P
Radiation Hardened Dual 4-Input NAND Gate
September 1995
logo
Renesas Technology Corp
HCS21MS RENESAS-HCS21MS Datasheet
393Kb / 8P
Radiation Hardened Dual 4-Input AND Gate
September 1995
HCTS20MS RENESAS-HCTS20MS Datasheet
378Kb / 8P
Radiation Hardened Dual 4-Input NAND Gate
September 1995
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com