Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFA3983 Datasheet (PDF) - Intersil Corporation

HFA3983 Datasheet PDF - Intersil Corporation
Part # HFA3983
Download  HFA3983 Download
File Size   133.54 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2.4GHz Power Amplifier and Detector

HFA3983 Datasheet (PDF)

Go To PDF Page Download Datasheet
HFA3983 Datasheet PDF - Intersil Corporation

Part # HFA3983
Download  HFA3983 Click to download

File Size   133.54 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2.4GHz Power Amplifier and Detector

HFA3983 Datasheet (HTML) - Intersil Corporation


HFA3983 Product details

The HFA3983 is a 2.4GHz monolithic SiGe Power Amplifier designed to operate in the ISM Band. It features two low voltage single supply stages. Cascaded, they deliver a 18dBm (Typ.) of an output power for the typical DSSS signal (ACPR, 1st Side Lobe < -30dBc, 2nd Side Lobe < -50dBc).

Features
• Single Supply . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 3.6V
• Output Power . . . . . . . . . . .18dBm (Typ) at ACPR, DSSS, 1st Side Lobe < -30dBc, 2nd Side Lobe < -50dBc
• Power Gain. . . . . . . . . . . . . . . . . . . . . . . . . . . .30dB (Typ.)
• Detector Linear Input Power Range . . . . . . . . . . . . . .15dB
• Detector Accuracy . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±1.0dB

Applications
• EEE802.11 1 and 2Mbps Standard
• Systems Targeting IEEE802.11, 11Mbps Standard
• Wireless Local Area Networks
• PCMCIA Wireless Transceivers
• ISM Systems Including Automatic Level Control (ALC)
• TDMA Packet Protocol Radios




Similar Part No. - HFA3983

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3925 INTERSIL-HFA3925 Datasheet
95Kb / 9P
2.4GHz - 2.5GHz 250mW Power Amplifier
July 1998
HFA3925IA INTERSIL-HFA3925IA Datasheet
95Kb / 9P
2.4GHz - 2.5GHz 250mW Power Amplifier
July 1998
HFA3925IA96 INTERSIL-HFA3925IA96 Datasheet
95Kb / 9P
2.4GHz - 2.5GHz 250mW Power Amplifier
July 1998
HFA3926 INTERSIL-HFA3926 Datasheet
69Kb / 7P
2.0GHz - 2.7GHz 250mW Power Amplifier
July 1998
HFA3926IA INTERSIL-HFA3926IA Datasheet
69Kb / 7P
2.0GHz - 2.7GHz 250mW Power Amplifier
July 1998
More results


Similar Description - HFA3983

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3925 INTERSIL-HFA3925 Datasheet
95Kb / 9P
2.4GHz - 2.5GHz 250mW Power Amplifier
July 1998
logo
Maxim Integrated Produc...
MAX2242 MAXIM-MAX2242 Datasheet
191Kb / 9P
2.4GHz to 2.5GHz Linear Power Amplifier
19-1912; Rev 3; 11/03
MAX2247 MAXIM-MAX2247 Datasheet
770Kb / 10P
2.4GHz SiGe Linear Power Amplifier
Rev 4; 8/03
logo
SiGe Semiconductor, Inc...
SE2529L SIGE-SE2529L Datasheet
190Kb / 10P
RangeCharger 2.4GHz Power Amplifier
logo
Intersil Corporation
ISL3984 INTERSIL-ISL3984 Datasheet
116Kb / 7P
2.4GHz Power Amplifier and Detector
December 2000
logo
Tyco Electronics
AM52-0024 MACOM-AM52-0024_1 Datasheet
315Kb / 5P
Power Amplifier 0.5W 2.4GHz
logo
SiGe Semiconductor, Inc...
SE2525L SIGE-SE2525L Datasheet
1,000Kb / 12P
RangeCharger??2.4GHz Power Amplifier with Power Detector Preliminary Information
logo
Maxim Integrated Produc...
MAX2247 MAXIM-MAX2247_09 Datasheet
159Kb / 10P
2.4GHz SiGe Linear Power Amplifier
Rev 5; 1/09
logo
RF Micro Devices
RFPA5208 RFMD-RFPA5208 Datasheet
195Kb / 7P
WiFi Power Amplifier 2.4GHz to 2.5GHz
SZM-2066Z RFMD-SZM-2066Z Datasheet
1Mb / 18P
2.4GHz to 2.7GHz 2W POWER AMPLIFIER
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com