Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIN232A Datasheet (PDF) - Intersil Corporation

HIN232A Datasheet PDF - Intersil Corporation
Part # HIN232A
Download  HIN232A Download
File Size   247.4 Kbytes
Page   17 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High Speed 5V Powered RS-232 Transmitters/Receivers

HIN232A Datasheet (PDF)

Go To PDF Page Download Datasheet
HIN232A Datasheet PDF - Intersil Corporation

Part # HIN232A
Download  HIN232A Click to download

File Size   247.4 Kbytes
Page   17 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High Speed 5V Powered RS-232 Transmitters/Receivers

HIN232A Datasheet (HTML) - Intersil Corporation


HIN232A Product details

The HIN202A-HIN241A family of high-speed RS-232 transmitters/receivers interface circuits meet all ElA high speed RS-232E and V.28 specifications, and are particularly suited for those applications where ±12V is not available. They require a single +5V power supply and feature onboard charge pump voltage converters which generate +10V and -10V supplies from the 5V supply. The HIN205A and HIN235A require no external capacitors and are ideally suited for applications where circuit board space is critical. The family of devices offers a wide variety of high-speed RS-232 transmitter/receiver combinations to accommodate various applications (see Selection Table).

Features
• Meets All RS-232E and V.28 Specifications
• Requires Only 0.1µF or Greater External Capacitors (HIN205A, HIN235A and Require No External Capacitors)
• High Data Rate. . . . . . . . . . . . . . . . . . . . . . . . . . 230kbit/s
• Two Receivers Active in Shutdown Mode (HIN213A)
• Requires Only Single +5V Power Supply
• Onboard Voltage Doubler/Inverter
• Low Power Consumption (Typ) . . . . . . . . . . . . . . . . . 5mA
• Low Power Shutdown Function (Typ) . . . . . . . . . . . . 1µA
• Three-State TTL/CMOS Receiver Outputs
• Multiple Drivers
    - ±10V Output Swing for +5V lnput
    - 300Ω Power-Off Source Impedance
    - Output Current Limiting
    - TTL/CMOS Compatible
• Multiple Receivers
    - ±30V Input Voltage Range
    - 3kΩ to 7kΩ Input Impedance
    - 0.5V Hysteresis to Improve Noise Rejection

Applications
• Any System Requiring High-Speed RS-232 Communication Ports
    - Computer - Portable, Mainframe, Laptop
    - Peripheral - Printers and Terminals
    - Instrumentation, UPS
    - Modems




Similar Part No. - HIN232A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIN232A INTERSIL-HIN232A Datasheet
245Kb / 10P
High Speed 5V Powered RS-232 Transmitters/Receivers
March 13, 2006
logo
Renesas Technology Corp
HIN232A RENESAS-HIN232A Datasheet
494Kb / 10P
High Speed 5V Powered RS-232 Transmitters/Receivers
logo
Intersil Corporation
HIN232ACB INTERSIL-HIN232ACB Datasheet
245Kb / 10P
High Speed 5V Powered RS-232 Transmitters/Receivers
March 13, 2006
logo
Renesas Technology Corp
HIN232ACB RENESAS-HIN232ACB Datasheet
494Kb / 10P
High Speed 5V Powered RS-232 Transmitters/Receivers
logo
Intersil Corporation
HIN232ACB-T INTERSIL-HIN232ACB-T Datasheet
245Kb / 10P
High Speed 5V Powered RS-232 Transmitters/Receivers
March 13, 2006
More results


Similar Description - HIN232A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIN230 INTERSIL-HIN230 Datasheet
379Kb / 15P
5V Powered RS-232 Transmitters/Receivers
2000 05
HIN202 INTERSIL-HIN202 Datasheet
586Kb / 18P
5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
September 2003
HIN232 INTERSIL-HIN232_05 Datasheet
624Kb / 20P
5V Powered RS-232 Transmitters/Receivers
August 31, 2005
HIN232A INTERSIL-HIN232A_06 Datasheet
245Kb / 10P
High Speed 5V Powered RS-232 Transmitters/Receivers
March 13, 2006
HIN232 INTERSIL-HIN232 Datasheet
600Kb / 21P
5V Powered RS-232 Transmitters/Receivers
September 26, 2008
HIN213ECAZ-T INTERSIL-HIN213ECAZ-T Datasheet
645Kb / 22P
짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
November 4, 2005
HIN202E INTERSIL-HIN202E Datasheet
645Kb / 22P
짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN202E RENESAS-HIN202E Datasheet
1Mb / 23P
짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
HIN232 RENESAS-HIN232 Datasheet
1Mb / 22P
5V Powered RS-232 Transmitters/Receivers
HIN232A RENESAS-HIN232A Datasheet
494Kb / 10P
High Speed 5V Powered RS-232 Transmitters/Receivers
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com