Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP4011 Datasheet (PDF) - Intersil Corporation

HIP4011 Datasheet PDF - Intersil Corporation
Part # HIP4011
Download  HIP4011 Download
File Size   34.24 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Three Phase Brushless DC Motor Controller

HIP4011 Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP4011 Datasheet PDF - Intersil Corporation

Part # HIP4011
Download  HIP4011 Click to download

File Size   34.24 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Three Phase Brushless DC Motor Controller

HIP4011 Datasheet (HTML) - Intersil Corporation


HIP4011 Product details

Description
The HIP4011 motor driver is intended for three phase Brushless motor control at continuous output currents up to 3A. It accepts inputs from buffered Hall effect sensors and drives three motor windings, regulating the current through an external current sensing resistor, according to an analog control input. Output “freewheeling” diodes are built in and output dv/dt is limited to decrease the generated EMI. Thermal and current limiting are used to protect the device from locked rotor conditions. A brake control input forces all outputs to ground simultaneously to provide dynamic braking, and an internal voltage sensor does the same when the supply drops below a predetermined switch point. Power down braking energy is stored in an external capacitor.

Features
• 3A DC, 5A Peak Output Current
• 16V Max. Rated Supply Voltage
• Built-in “Free-Wheeling” Diodes
• Output dv/dt Limited to Reduce EMI
• External Dynamic Brake Control Switch With Undervoltage Sense
• Thermal and Current Limiting Protects Against Locked Rotor Conditions
• Provides Analog Current Sense and Reference Inputs
• Decode Logic with Illegal Code Rejection

Applications
• Drive Spindle Motor Controller
• 3 Phase Brushless DC Motor Controller
• Brushless DC Motor Driver for 12V Battery Powered Appliances
• Phased Driver for 12V DC Applications
• Logic Controlled Driver for Solenoids, Relays and Lamps




Similar Part No. - HIP4011

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP4020 INTERSIL-HIP4020 Datasheet
65Kb / 8P
Half Amp Full Bridge Power Driver for Small 3V, 5V and 12V DC Motors
June 1997
HIP4020 INTERSIL-HIP4020 Datasheet
280Kb / 9P
Half Amp Full Bridge Power Driver for Small 3V, 5V and 12V DC Motors
December 20, 2005
logo
Renesas Technology Corp
HIP4020 RENESAS-HIP4020 Datasheet
501Kb / 10P
Half Amp Full Bridge Power Driver for Small 3V, 5V and 12V DC Motors
logo
Intersil Corporation
HIP4020 INTERSIL-HIP4020 Datasheet
273Kb / 10P
Half Amp Full Bridge Power Driver for Small 3V, 5V and 12V DC Motors
September 17, 2015
HIP4020IB INTERSIL-HIP4020IB Datasheet
65Kb / 8P
Half Amp Full Bridge Power Driver for Small 3V, 5V and 12V DC Motors
June 1997
More results


Similar Description - HIP4011

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9979 VISHAY-SI9979 Datasheet
270Kb / 7P
3-Phase Brushless DC Motor Controller
05-Apr-99
logo
Hitachi Semiconductor
HA13441 HITACHI-HA13441 Datasheet
143Kb / 6P
THREE PHASE BRUSHLESS DC MOTOR DRIVER
logo
Rohm
BD62013FS ROHM-BD62013FS Datasheet
950Kb / 23P
Three phase brushless fan motor controller
logo
ON Semiconductor
LV8907UW ONSEMI-LV8907UW Datasheet
1Mb / 45P
Sensor-less Three-phase Brushless DC Motor Controller
July 2015- Rev. P2
logo
Texas Instruments
DRV10970 TI1-DRV10970 Datasheet
672Kb / 38P
Three-Phase Brushless DC Motor Driver
logo
ON Semiconductor
LV8907UW ONSEMI-LV8907UW_18 Datasheet
945Kb / 46P
Sensor-less Three-phase Brushless DC Motor Controller
June, 2018 ??Rev. 1
logo
PADAUK Technology.
DF339 PADAUK-DF339 Datasheet
734Kb / 11P
3-Phase Brushless DC Motor Controller
logo
Vishay Siliconix
SI9979 VISHAY-SI9979_V01 Datasheet
331Kb / 10P
3-Phase Brushless DC Motor Controller
21-Jun-04
logo
Toshiba Semiconductor
TB6586BFG TOSHIBA-TB6586BFG Datasheet
478Kb / 21P
Three-Phase Full-Wave Brushless Motor Controller
2018-10-15
TB6586FG TOSHIBA-TB6586FG Datasheet
611Kb / 20P
Three-Phase Full-Wave Brushless Motor Controller
2016-02-24
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com