Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

81C56 Datasheet (PDF) - Intersil Corporation

81C56 Datasheet PDF - Intersil Corporation
Part # 81C56
Download  81C56 Download
File Size   86.12 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened 256 x 8 CMOS RAM

81C56 Datasheet (PDF)

Go To PDF Page Download Datasheet
81C56 Datasheet PDF - Intersil Corporation

Part # 81C56
Download  81C56 Click to download

File Size   86.12 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened 256 x 8 CMOS RAM

81C56 Datasheet (HTML) - Intersil Corporation


81C56 Product details

The HS-81C55/56RH are radiation hardened RAM and I/O chips fabricated using the Intersil radiation hardened Self Aligned Junction Isolated (SAJI) silicon gate technology. Latch-up free operation is achieved by the use of epitaxial starting material to eliminate the parasitic SCR effect seen in conventional bulk CMOS devices.



Features

• Electrically Screened to SMD # 5962-96766

• QML Qualified per MIL-PRF-38535 Requirements

• Radiation Hardened EPI-CMOS

- Total Dose. . . . . . . . . . . . . . . . . . . . . 100 krad(Si) (Max)

- Transient Upset. . . . . . . . . . . . . . . . . .>1 x 108 rad(Si)/s

- Latch-Up Free. . . . . . . . . . . . . . . . . .>1 x 1012 rad(Si)/s

• Electrically Equivalent to Sandia SA 3001

• Pin Compatible with Intel 8155/56

• Bus Compatible with HS-80C85RH

• Single 5V Power Supply

• Low Standby Current . . . . . . . . . . . . . . . . . . . .200µA Max

• Low Operating Current . . . . . . . . . . . . . . . . . . . . 2mA/MHz

• Completely Static Design

• Internal Address Latches

• Two Programmable 8-Bit I/O Ports

• One Programmable 6-Bit I/O Port

• Programmable 14-Bit Binary Counter/Timer

• Multiplexed Address and Data Bus

• Self Aligned Junction Isolated (SAJI) Process

• Military Temperature Range . . . . . . . . . . . -55℃ to 125℃




Similar Part No. - 81C56

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
81C55 OKI-81C55 Datasheet
156Kb / 19P
2048-Bit CMOS STATIC RAM WITH I/O PORTS AND TIMER
More results


Similar Description - 81C56

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HM-6551 INTERSIL-HM-6551 Datasheet
116Kb / 9P
256 x 4 CMOS RAM
March 1997
HS-65647RH INTERSIL-HS-65647RH Datasheet
110Kb / 16P
Radiation Hardened 8K x 8 SOS CMOS Static RAM
1995 08
HS-6617RH-T INTERSIL-HS-6617RH-T Datasheet
94Kb / 3P
Radiation Hardened 2K x 8 CMOS PROM
1999 07
HS-6617RH INTERSIL-HS-6617RH Datasheet
128Kb / 14P
Radiation Hardened 2K x 8 CMOS PROM
1995 08
HS-6564RH INTERSIL-HS-6564RH Datasheet
673Kb / 9P
Radiation Hardened 8K x 8, 16K x 4 CMOS RAM Module
September 1997
logo
Harris Corporation
HM-6501 HARRIS-HM-6501 Datasheet
275Kb / 6P
256 x 4 CMOS RAM
logo
Intersil Corporation
HS-65647RH INTERSIL-HS-65647RH_00 Datasheet
128Kb / 8P
Radiation Hardened 8K x 8 SOS CMOS Static RAM
August 2000
HS-6617RH INTERSIL-HS-6617RH_00 Datasheet
139Kb / 5P
Radiation Hardened 2K x 8 CMOS PROM
August 2000
HS-81C55RH INTERSIL-HS-81C55RH_00 Datasheet
113Kb / 11P
Radiation Hardened 256 x 8 CMOS RAM
August 2000
HS-6664RH-T INTERSIL-HS-6664RH-T Datasheet
181Kb / 3P
Radiation Hardened 8K x 8 CMOS PROM
July 1999
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com