Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSP50307SC Datasheet (PDF) - Intersil Corporation

HSP50307SC Datasheet PDF - Intersil Corporation
Part # HSP50307SC
Download  HSP50307SC Download
File Size   48.45 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Burst QPSK Modulator

HSP50307SC Datasheet (PDF)

Go To PDF Page Download Datasheet
HSP50307SC Datasheet PDF - Intersil Corporation

Part # HSP50307SC
Download  HSP50307SC Click to download

File Size   48.45 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Burst QPSK Modulator

HSP50307SC Datasheet (HTML) - Intersil Corporation


HSP50307SC Product details

Description
The HSP50307 is a mixed signal burst QPSK Modulator for upstream CATV Applications. The HSP50307 demultiplexes and modulates a serial data stream onto an RF Carrier centered between 8 and 15MHz. The signal spectrum is shaped with α = 0.5 root raised cosine (RRC) digital filters. On-chip filtering limits spurs and harmonics to levels below -35dBc during transmissions. The output power level is adjustable over a 40dB range in 1dB steps. The maximum differential output level is +62dBmV into 75Ω. A transmitter inhibit function disables the RF output outside the burst interval. The differential output amplifier int7-erfaces to the cable via a transformer.

Features
• 256 KBPS Data Rate and 128 KBPS Baud Rate
• Burst QPSK Modulation
• Programmable Carrier Frequency from 8MHz to 15MHz With a Frequency Step Size of 32kHz
• α = 0.5 Root Raised Cosine (RRC) Filtering For Spectrum Shaping
• On-Board Synthesizer
• Programmable Output Level From 22 to 62dBmV in 1dB Steps
• Programmable Charge Pump Current Control
• 62dBmV Differential Output Driver for 75Ω Cable

Applications
• Burst QPSK Modulator
• HSP50307EVAL1 Evaluation Board Is Available




Similar Part No. - HSP50307SC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP50307SC INTERSIL-HSP50307SC Datasheet
236Kb / 9P
Burst QPSK Modulator
October 2000
More results


Similar Description - HSP50307SC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8050A PHILIPS-TDA8050A Datasheet
125Kb / 28P
QPSK transmitter
1999 Nov 05
TDA8051 PHILIPS-TDA8051 Datasheet
131Kb / 24P
QPSK receiver
1999 Aug 20
logo
Broadcom Corporation.
BCM3037 BOARDCOM-BCM3037 Datasheet
119Kb / 2P
BCM3037 QAMLINK-R UNIVERSAL BURST MODULATOR
logo
Intersil Corporation
HSP50307 INTERSIL-HSP50307_00 Datasheet
236Kb / 9P
Burst QPSK Modulator
October 2000
logo
BOWEI Integrated Circui...
QHP-01 BOWEI-QHP-01 Datasheet
142Kb / 1P
QPSK Modulator
logo
Analog Devices
AD9853 AD-AD9853_15 Datasheet
334Kb / 31P
Programmable Digital QPSK/16-QAM Modulator
REV. C
logo
Motorola, Inc
MC145750 MOTOROLA-MC145750 Datasheet
299Kb / 12P
QPSK Encoder
logo
Mini-Circuits
ZMQ-1050 MINI-ZMQ-1050 Datasheet
206Kb / 1P
QPSK Modulator
QMC-1050 MINI-QMC-1050 Datasheet
186Kb / 1P
QPSK Modulator
REV. OR
logo
Renesas Technology Corp
HSP50306 RENESAS-HSP50306 Datasheet
434Kb / 8P
Digital QPSK Demodulator
Jul 2004
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com