Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSP50307SC Datasheet(PDF) 7 Page - Intersil Corporation

Part # HSP50307SC
Description  Burst QPSK Modulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP50307SC Datasheet(HTML) 7 Page - Intersil Corporation

  HSP50307SC Datasheet HTML 1Page - Intersil Corporation HSP50307SC Datasheet HTML 2Page - Intersil Corporation HSP50307SC Datasheet HTML 3Page - Intersil Corporation HSP50307SC Datasheet HTML 4Page - Intersil Corporation HSP50307SC Datasheet HTML 5Page - Intersil Corporation HSP50307SC Datasheet HTML 6Page - Intersil Corporation HSP50307SC Datasheet HTML 7Page - Intersil Corporation HSP50307SC Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7-74
Absolute Maximum Ratings
Thermal Information
5V Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6.0V
9V Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11.0V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1, HBM
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . .0oC to 70oC
Thermal Resistance (Typical, Note 1)
θJA (oC/W)
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
70
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . .-65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
DC Electrical Specifications
RCLK = 2.048MHz; MCLK = 25.6MHz; TA = 0
oC to 70oC
PARAMETER
SYMBOL/PIN
MIN
TYP
MAX
UNIT
5V Supply Voltage
AVCC, DVCC
4.75
5.0
5.25
V
9V Supply Voltage
AVDD
8.55
9.0
9.45
V
5V Supply Current
IAVCC, IDVCC
-55-
mADC
9V Supply Current
IAVDD
-60-
mADC
Logical One Input Voltage
VIH
3.325
-
-
V
Logical Zero Input Voltage
VIL
-
-
1.575
V
Output High Voltage
VOH
2.6
-
-
V
Output Low Voltage
VOL
-
-
0.4
V
AC Electrical Specifications
AVCC, DVCC = +5V, AVDD = +9V; RCLK = 2.048MHz; MCLK = 25.6MHz;
TA = 0
oC to 70oC
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
RESET Pulse Width
tRES
500
-
-
ns
MCLK Period (25.6MHz)
tMCP
-
39.1
-
ns
RCLK Period (2.048MHz)
tRCP
-
488
-
ns
RCLK High
tRCH
98
-
-
ns
RCLK Low
tRCL
98
-
-
ns
CCLK Period (5MHz)
tCCP
200
-
-
ns
CCLK High
tCCH
150
-
-
ns
CCLK Low
tCCL
150
-
-
ns
CDATA Setup to CCLK
tCDS
50
-
-
ns
CDATA Hold from CCLK
tCDH
-
-
50
ns
C_EN Strobe Edge to CCLK
tCES
-100
-
100
ns
TXCLK Period (256kHz)
tDCP
-
3910
-
ns
TXCLK High
tDCH
195
-
-
ns
TXCLK Low
tDCL
195
-
-
ns
TX_DATA Setup to TXCLK
tDIS
150
-
-
ns
TX_DATA Hold from TXCLK
tDIH
0-
-
ns
HSP50307



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com