Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSP50307SC Datasheet(PDF) 2 Page - Intersil Corporation

Part # HSP50307SC
Description  Burst QPSK Modulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP50307SC Datasheet(HTML) 2 Page - Intersil Corporation

  HSP50307SC Datasheet HTML 1Page - Intersil Corporation HSP50307SC Datasheet HTML 2Page - Intersil Corporation HSP50307SC Datasheet HTML 3Page - Intersil Corporation HSP50307SC Datasheet HTML 4Page - Intersil Corporation HSP50307SC Datasheet HTML 5Page - Intersil Corporation HSP50307SC Datasheet HTML 6Page - Intersil Corporation HSP50307SC Datasheet HTML 7Page - Intersil Corporation HSP50307SC Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
7-69
Pinout
28 LEAD SOIC
TOP VIEW
MCLK
TXCLK
TX_EN
TX_DATA
RESET
DGND
AVCC
AGND
IBBOUT
QBBOUT
QBBIN
IBBIN
DAC_REF
VCM_REF
CCLK
C_EN
DVCC
RCLK
AGND
VCO_IN
AVCC
MOD_OUT-
MOD_OUT+
AVDD
AGND
CDATA
PD_OUT
VCO_SET
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Pin Description
SYMBOL
TYPE
DESCRIPTION
MCLK
I
Master clock input (25.6MHz). (D)
TXCLK
O
PSK data clock (256kHz) for PSK_DATA_IN. (D)
TX_EN
I
Transmit Enable. When high, the modulator output is enabled. This pin should be high for the entire burst. The signal is
extended internally until data has fully exited the part before turning off for spurious free turn on and turn off. (D)
TX_DATA
I
256 KBPS serial data input. (D)
RESET
I
Digital Reset Pin (active low). The part is reset immediately on assertion of the reset pin. The output of the part is
disabled on the assertion of reset. The part will come out of reset 2 master clock periods after the reset is de-
asserted. Reprogramming (see Control Interface Section) is needed after deassertion of reset for proper opera-
tion. (D)
DGND
I
Negative supply for the digital filters and control. (P)
AVCC
I
Positive supply for the quadrature modulator. AVCC should be tied to +5V analog. (P)
AGND
I
Negative supply for the quadrature modulator. AGND is tied to GND. (P)
IBBOUT
O
I baseband filtered output. (A)
QBBOUT
O
Q baseband filtered output. (A)
QBBIN
I
Q baseband modulator input. (A)
IBBIN
I
I baseband modulator input. (A)
DAC_REF
O
D/A reference node. A 0.1
µF capacitor to ground is suggested. (A)
VCM_REF
O
Modulator common mode reference node. A 0.1
µF capacitor to ground is suggested. (A)
AGND
I
Negative supply for the cable interface. (P)
AVDD
I
Positive supply for the cable interface (+9V analog). (P)
MOD_OUT+
O
Positive output drive pin for the cable interface. (A)
MOD_OUT-
O
Negative output drive pin for the cable interface. (A)
HSP50307



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com