Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC2807W Datasheet (PDF) - NEC

UPC2807W Datasheet PDF - NEC
Part # UPC2807W
Download  UPC2807W Download
File Size   46.85 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description PREAMPLIFIER FOR INFRARED REMOTE CONTROLLER

UPC2807W Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC2807W Datasheet PDF - NEC

Part # UPC2807W
Download  UPC2807W Click to download

File Size   46.85 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description PREAMPLIFIER FOR INFRARED REMOTE CONTROLLER

UPC2807W Datasheet (HTML) - NEC


UPC2807W Product details

DESCRIPTION
The µ PC2807 and 2807A are semiconductors integrated circuit developed as preamplifiers for the receiver module of infrared remote controllers. These preamplifiers can be directly connected to a PIN photodiode, and integrate a high-gain first stage amplifier, limiter, bandpass filter, detector circuit, and waveform-shaping circuit on a single chip.

FEATURES
• Only PIN photodiode required as an external component.
• Following carrier frequencies (fO) selectable (five types):
     µ PC2807 : fO = 32.7, 36.0, 36.7, 37.9 kHz
     µ PC2807A : fO = 40.0 kHz
• Fixed trap frequency
     fT = 54 kHz
• Active-low output
• Supplied in form of wafer

APPLICATION
• Receiver module of infrared remote controller




Similar Part No. - UPC2807W

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC2807W RENESAS-UPC2807W Datasheet
183Kb / 10P
BiCMOS INTEGRATED CIRCUIT
2000
More results


Similar Description - UPC2807W

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2800A NEC-UPC2800A Datasheet
84Kb / 12P
PREAMPLIFIER FOR INFRARED REMOTE CONTROL
logo
STMicroelectronics
TDA2320 STMICROELECTRONICS-TDA2320 Datasheet
52Kb / 5P
PREAMPLIFIER FOR INFRARED REMOTE CONTROL SYSTEMS
Oct-1997
logo
Daewoo Semiconductor
DBL2055 DAEWOO-DBL2055 Datasheet
405Kb / 7P
PREAMPLIFIER FOR REMOTE CONTROL USE
logo
Hynix Semiconductor
GL3277 HYNIX-GL3277 Datasheet
31Kb / 3P
PREAMPLIFIER FOR REMOTE CONTROL USE
logo
AUK corp
SL2055 AUK-SL2055 Datasheet
220Kb / 8P
PREAMPLIFIER FOR REMOTE CONTROL USE
logo
Seiko Instruments Inc
S-8270A SII-S-8270A Datasheet
323Kb / 6P
RECEIVER IC FOR INFRARED REMOTE CONTROLLER
logo
LG Semicon Co.,Ltd.
GL3274 LG-GL3274 Datasheet
305Kb / 8P
Preamplifier for Remote Control Use
logo
Sanyo Semicon Device
SPS-400 SANYO-SPS-400 Datasheet
109Kb / 1P
Receiver Preamp Modules for Infrared Remote Controller
logo
List of Unclassifed Man...
HL3279 ETC1-HL3279 Datasheet
182Kb / 6P
PREAMPLIFIER FOR REMOTE CONTROL USE
HL3280 ETC1-HL3280 Datasheet
60Kb / 6P
PREAMPLIFIER FOR REMOTE CONTROL USE
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com