Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC2807W Datasheet(PDF) 7 Page - NEC

Part # UPC2807W
Description  PREAMPLIFIER FOR INFRARED REMOTE CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2807W Datasheet(HTML) 7 Page - NEC

  UPC2807W Datasheet HTML 1Page - NEC UPC2807W Datasheet HTML 2Page - NEC UPC2807W Datasheet HTML 3Page - NEC UPC2807W Datasheet HTML 4Page - NEC UPC2807W Datasheet HTML 5Page - NEC UPC2807W Datasheet HTML 6Page - NEC UPC2807W Datasheet HTML 7Page - NEC UPC2807W Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Data Sheet S13198EJ1V0DS00
7
µµµµ PC2807, 2807A
NOTES FOR BiCMOS DEVICES
1
PRECAUTION AGAINST ESD FOR SEMICONDUCTORS
Note:
Strong electric field, when exposed to a device, can cause destruction of the gate oxide and
ultimately degrade the device operation. Steps must be taken to stop generation of static electricity
as much as possible, and quickly dissipate it once, when it has occurred. Environmental control
must be adequate. When it is dry, humidifier should be used. It is recommended to avoid using
insulators that easily build static electricity. Semiconductor devices must be stored and transported
in an anti-static container, static shielding bag or conductive material. All test and measurement
tools including work bench and floor should be grounded. The operator should be grounded using
wrist strap. Semiconductor devices must not be touched with bare hands. Similar precautions need
to be taken for PW boards with semiconductor devices on it.
2
HANDLING OF UNUSED INPUT PINS
Note:
No connection for device inputs can be cause of malfunction. If no connection is provided to the
input pins, it is possible that an internal input level may be generated due to noise, etc., hence
causing malfunction. Input levels of devices must be fixed high or low by using a pull-up or pull-
down circuitry.
Each unused pin should be connected to VDD or GND with a resistor, if it is
considered to have a possibility of being an output pin. All handling related to the unused pins must
be judged device by device and related specifications governing the devices.
3
STATUS BEFORE INITIALIZATION OF BiCMOS DEVICES
Note:
Power-on does not necessarily define initial status of device. Production process of BiCMOS does
not define the initial operation status of the device. Immediately after the power source is turned
ON, the devices with reset function have not yet been initialized.
Hence, power-on does not
guarantee out-pin levels, I/O settings or contents of registers. Device is not initialized until the reset
signal is received. Reset operation must be executed immediately after power-on for devices
having reset function.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com