Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC2807W Datasheet(PDF) 3 Page - NEC

Part # UPC2807W
Description  PREAMPLIFIER FOR INFRARED REMOTE CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2807W Datasheet(HTML) 3 Page - NEC

  UPC2807W Datasheet HTML 1Page - NEC UPC2807W Datasheet HTML 2Page - NEC UPC2807W Datasheet HTML 3Page - NEC UPC2807W Datasheet HTML 4Page - NEC UPC2807W Datasheet HTML 5Page - NEC UPC2807W Datasheet HTML 6Page - NEC UPC2807W Datasheet HTML 7Page - NEC UPC2807W Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data Sheet S13198EJ1V0DS00
3
µµµµ PC2807, 2807A
PAD FUNCTION
Symbol
Pad No.
Function
VCC
6
Power pad. Apply a voltage of 5 V
± 10 %. Connect an external smoothing filter if noise on power line
is high.
GND1
7
GND pad (for output transistor)
GND2
8
GND pad (for circuits excluding output transistor)
IN
9
Input pad. Internal impedance is 190 k
Ω TYP. PIN photodiode can be directly connected.
OUT
5
Output pad. Open-collector output with pull-up resistor (22 k
Ω TYP.) To connect pull-up resistor, use
resistor of 10 k
Ω or higher.
S1
1
S2
2
S3
4
BPF center frequency setting pads.
Connect pad corresponding to carrier frequency to be used to GND
Note
.
PAD1
3
BPF output pad. Parameters such as voltage gain and BPF bandwidth can be tested.
Do not connect this pad to anything on final assembly.
PAD3
10
PAD4
11
PAD5
12
PAD6
13
Test and trimming pads. Do not connect these pads to anything.
Note Connect each of BPF center frequency setting pads as follows depending on the carrier frequency.
•
µ PC2807
Carrier Frequency
S1
S2
S3
32.7 kHz
GND
Leave unconnected.
Leave unconnected.
36.0 kHz
GND
GND
GND
36.7 kHz
Leave unconnected.
GND
GND
37.9 kHz
Leave unconnected.
Leave unconnected.
Leave unconnected.
•
µ PC2807A
Carrier Frequency
S1
S2
S3
40.0 kHz
Leave unconnected.
Leave unconnected.
Leave unconnected.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com