Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF440 Datasheet (PDF) - Intersil Corporation

IRF440 Datasheet PDF - Intersil Corporation
Part # IRF440
Download  IRF440 Download
File Size   55.88 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8A, 500V, 0.850 Ohm, N-Channel Power MOSFET

IRF440 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF440 Datasheet PDF - Intersil Corporation

Part # IRF440
Download  IRF440 Click to download

File Size   55.88 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8A, 500V, 0.850 Ohm, N-Channel Power MOSFET

IRF440 Datasheet (HTML) - Intersil Corporation


IRF440 Product details

8A, 500V, 0.850 Ohm, N-Channel Power MOSFET

This N-Channel enhancement mode silicon gate power field effect transistor is an advanced power MOSFET designed, tested, and guaranteed to withstand a specified level of energy in the breakdown avalanche mode of operation. All of these power MOSFETs are designed for applications such as switching regulators, switching convertors, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. These types can be operated directly from integrated circuits.

Features
• 8A, 500V
• rDS(ON) = 0.850Ω
• Single Pulse Avalanche Energy Rated
• SOA is Power-Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Majority Carrier Device
• Related Literature
    - TB334 “Guidelines for Soldering Surface Mount Components to PC Boards”




Similar Part No. - IRF440

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF440 SAMSUNG-IRF440 Datasheet
211Kb / 5P
N-CHANNEL POWER MOSFETS
logo
Fairchild Semiconductor
IRF440 FAIRCHILD-IRF440 Datasheet
150Kb / 5P
N-Channel Power MOSFETs, 8A, 450 V/500V
logo
International Rectifier
IRF440 IRF-IRF440 Datasheet
142Kb / 7P
TRANSISTORS N-CHANNEL(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
logo
New Jersey Semi-Conduct...
IRF440 NJSEMI-IRF440 Datasheet
137Kb / 3P
N-CHANNEL POWER MOSFETS
logo
International Rectifier
IRF440 IRF-IRF440 Datasheet
146Kb / 7P
Repetitive Avalanche Ratings
More results


Similar Description - IRF440

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF840 INTERSIL-IRF840 Datasheet
56Kb / 7P
8A, 500V, 0.850 Ohm, N-Channel Power MOSFET
July 1999
IRFP440 INTERSIL-IRFP440 Datasheet
56Kb / 7P
8.8A, 500V, 0.850 Ohm, N-Channel Power MOSFET
July 1999
logo
Unisonic Technologies
UF840 UTC-UF840 Datasheet
172Kb / 8P
8A, 500V, 0.85ohm, N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOT8N50 AOSMD-AOT8N50 Datasheet
147Kb / 6P
500V, 8A N-Channel MOSFET
logo
Tak Cheong Electronics ...
TFP840 TAK_CHEONG-TFP840 Datasheet
343Kb / 7P
N-Channel Power MOSFET 8A, 500V, 0.9廓
logo
Unisonic Technologies
8N50 UTC-8N50_12 Datasheet
182Kb / 6P
8A, 500V N-CHANNEL POWER MOSFET
8N50H UTC-8N50H Datasheet
204Kb / 5P
8A, 500V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOWF8N50 AOSMD-AOWF8N50 Datasheet
385Kb / 5P
500V, 8A N-Channel MOSFET
logo
KIA Semiconductor Techn...
840U KIA-840U Datasheet
242Kb / 7P
8A 500V N-CHANNEL MOSFET
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com