Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP9140 Datasheet (PDF) - Intersil Corporation

IRFP9140 Datasheet PDF - Intersil Corporation
Part # IRFP9140
Download  IRFP9140 Download
File Size   59.73 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 19A, 100V, 0.200 Ohm, P-Channel Power MOSFET

IRFP9140 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFP9140 Datasheet PDF - Intersil Corporation

Part # IRFP9140
Download  IRFP9140 Click to download

File Size   59.73 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 19A, 100V, 0.200 Ohm, P-Channel Power MOSFET

IRFP9140 Datasheet (HTML) - Intersil Corporation


IRFP9140 Product details

This is an advanced power MOSFET designed, tested, and guaranteed to withstand a specified level of energy in the breakdown avalanche mode of operation. It is a P-Channel enhancement mode silicon gate power field effect transistor designed for applications such as switching regulators, switching convertors, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. These types can be operated directly from integrated circuits. Formerly developmental type TA17521.

Features
• 19A, 100V
• rDS(ON) = 0.200Ω
• Single Pulse Avalanche Energy Rated
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance




Similar Part No. - IRFP9140

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRFP9140 SAMSUNG-IRFP9140 Datasheet
508Kb / 12P
P-CHANNEL POWER MOSFETS
IRFP9140 SAMSUNG-IRFP9140 Datasheet
381Kb / 6P
P-CHANNEL POWER MOSFETS
logo
Vishay Siliconix
IRFP9140 VISHAY-IRFP9140 Datasheet
757Kb / 11P
Power MOSFET
31-Jan-2022
logo
Inchange Semiconductor ...
IRFP9140 ISC-IRFP9140 Datasheet
315Kb / 2P
isc P-Channel MOSFET Transistor
logo
Samsung semiconductor
IRFP9140 SAMSUNG-IRFP9140 Datasheet
210Kb / 5P
P-CHANNEL POWER MOSFETS
More results


Similar Description - IRFP9140

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
BUZ21 INTERSIL-BUZ21 Datasheet
46Kb / 6P
19A, 100V, 0.100 Ohm, N-Channel Power MOSFET
October 1998
IRF9130 INTERSIL-IRF9130 Datasheet
58Kb / 7P
-12A, -100V, 0.30 Ohm, P-Channel Power MOSFET
February 1999
IRF9140 INTERSIL-IRF9140 Datasheet
59Kb / 7P
-19A, -100V, 0.200 Ohm, P-Channel Power MOSFET
February 1999
IRF9150 INTERSIL-IRF9150 Datasheet
57Kb / 7P
-25A, -100V, 0.150 Ohm, P-Channel Power MOSFET
February 1999
IRF9510 INTERSIL-IRF9510 Datasheet
59Kb / 7P
3.0A, 100V, 1.200 Ohm, P-Channel Power MOSFET
July 1999
IRF9520 INTERSIL-IRF9520 Datasheet
57Kb / 7P
6A, 100V, 0.600 Ohm, P-Channel Power MOSFET
July 1999
IRF9540 INTERSIL-IRF9540 Datasheet
59Kb / 7P
19A, 100V, 0.200 Ohm, P-Channel Power MOSFETs
July 1999
IRFD9110 INTERSIL-IRFD9110 Datasheet
54Kb / 6P
0.7A, 100V, 1.200 Ohm, P-Channel Power MOSFET
July 1999
IRFD9120 INTERSIL-IRFD9120 Datasheet
52Kb / 6P
1.0A, 100V, 0.6 Ohm, P-Channel Power MOSFET
July 1999
logo
Unisonic Technologies
UTT18P10 UTC-UTT18P10 Datasheet
243Kb / 6P
100V, 19A P-CHANNEL POWER MOSFET
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com