Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6525CB Datasheet (PDF) - Intersil Corporation

ISL6525CB Datasheet PDF - Intersil Corporation
Part # ISL6525CB
Download  ISL6525CB Download
File Size   120.5 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller

ISL6525CB Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6525CB Datasheet PDF - Intersil Corporation

Part # ISL6525CB
Download  ISL6525CB Click to download

File Size   120.5 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller

ISL6525CB Datasheet (HTML) - Intersil Corporation


ISL6525CB Product details

The ISL6525 provides complete control and protection for a DC-DC converter optimized for high-performance microprocessor applications. It is designed to drive two N Channel MOSFETs in a synchronous-rectified buck topology. The ISL6525 integrates all of the control, output adjustment, monitoring and protection functions into a single package. A programmable delay time for the PGOOD signal makes it especially suitable for the VTT regulation in VRM8.5 applications.
The output voltage of the converter can be precisely regulated to as low as 1.20V, with a maximum tolerance of ±1% over temperature and line voltage variations.
The ISL6525 provides simple, single feedback loop, voltage mode control with fast transient response. It includes a 200kHz free-running triangle-wave oscillator that is adjustable from below 50kHz to over 1MHz. The error amplifier features a 15MHz gain-bandwidth product and 6V/µs slew rate which enables high converter bandwidth for fast transient performance. The resulting PWM duty ratio ranges from 0% to 100%.
The ISL6525 protects against over-current conditions by inhibiting PWM operation. The ISL6525 monitors the current by using the rDS(ON) of the upper MOSFET which eliminates the need for a current sensing resistor.

Features
• Drives Two N-Channel MOSFETs
• Operates From +5V or +12V Input
• Simple Single-Loop Control Design
   - Voltage-Mode PWM Control
• Fast Transient Response
   - High-Bandwidth Error Amplifier
   - Full 0% to 100% Duty Ratio
• Excellent Output Voltage Regulation
   - 1.20V Internal Reference
   - ±1% Over Line Voltage and Temperature
• Programmable delay for PGOOD signal
• Over-Current Fault Monitor
   - Does Not Require Extra Current Sensing Element
   - Uses MOSFETs rDS(ON)
• Small Converter Size
   - Constant Frequency Operation
   - 200kHz Free-Running Oscillator Programmable from
      50kHz to Over 1MHz
• 14 Pin, SOIC Package
• Pb-Free Available (RoHS Compliant)

Applications
• Power Supply for Various Microprocessors
• VTT Regulation for VRM8.5
• High-Power 5V to 3.xV DC-DC Regulators
• Low-Voltage Distributed Power Supplies




Similar Part No. - ISL6525CB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6525CB INTERSIL-ISL6525CB Datasheet
521Kb / 11P
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
December 27, 2004
ISL6525CB INTERSIL-ISL6525CB Datasheet
527Kb / 11P
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
December 27, 2004
logo
Renesas Technology Corp
ISL6525CB RENESAS-ISL6525CB Datasheet
754Kb / 11P
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
ISL6525CBZ INTERSIL-ISL6525CBZ Datasheet
521Kb / 11P
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
December 27, 2004
ISL6525CBZ INTERSIL-ISL6525CBZ Datasheet
527Kb / 11P
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
December 27, 2004
More results


Similar Description - ISL6525CB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6006 INTERSIL-HIP6006 Datasheet
106Kb / 10P
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
1997 09
HIP6012 INTERSIL-HIP6012 Datasheet
106Kb / 10P
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
June 1997
ISL6522A INTERSIL-ISL6522A Datasheet
441Kb / 13P
Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
April 13, 2005
ISL6522B INTERSIL-ISL6522B Datasheet
454Kb / 15P
Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
April 4, 2005
HIP6012 INTERSIL-HIP6012_04 Datasheet
357Kb / 12P
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
December 27, 2004
ISL6525 INTERSIL-ISL6525_04 Datasheet
521Kb / 11P
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
December 27, 2004
ISL6522 INTERSIL-ISL6522_06 Datasheet
482Kb / 15P
Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
March 10, 2006
ISL6525CB INTERSIL-ISL6525CB Datasheet
527Kb / 11P
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
December 27, 2004
logo
Renesas Technology Corp
ISL6522A RENESAS-ISL6522A Datasheet
753Kb / 14P
Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
ISL6525 RENESAS-ISL6525 Datasheet
754Kb / 11P
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com