Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFV10N50 Datasheet (PDF) - Intersil Corporation

RFV10N50 Datasheet PDF - Intersil Corporation
Part # RFV10N50
Download  RFV10N50 Download
File Size   66.36 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 10A, 500V, Fast Switching N-Channel Enhancement-Mode Power MOSFETs

RFV10N50 Datasheet (PDF)

Go To PDF Page Download Datasheet
RFV10N50 Datasheet PDF - Intersil Corporation

Part # RFV10N50
Download  RFV10N50 Click to download

File Size   66.36 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 10A, 500V, Fast Switching N-Channel Enhancement-Mode Power MOSFETs

RFV10N50 Datasheet (HTML) - Intersil Corporation


RFV10N50 Product details

Description
The RFV10N50BE is an N-Channel fast switching MOSFET transistor that is designed for switching regulators, inverters and motor drivers. The RFV10N50BE is a monolithic structure incorporating a high voltage, high current MOSFET, a control MOSFET and ESD protection diodes. As indicated in the symbol to the right, the turn-on of the main MOSFET is controlled by Gate 1 (G1). The control MOSFET, controlled by Gate 2 (G2), is distributed throughout the structure. Gate 2 provides a very low impedance and inductive path to rapidly discharge the gate of the main MOSFET. Gate 2 affords very fast turn-off (typically less than 25ns) when desired. A separate return connection, Source Kelvin (SK), is supplied for the gate drive circuit to avoid voltage induced transients from the output circuit during switching. The RFV10N50BE can be operated directly from integrated circuits.

Features
• 10A, 500V
• rDS(ON) = 0.480Ω
• Very Fast Turn-Off Characteristics
• Nanosecond Switching Speeds
• Electrostatic Discharge Protected
• UIS Rating Curve
• SOA is Power Dissipation Limited
• High Input Impedance




Similar Part No. - RFV10N50

ManufacturerPart #DatasheetDescription
logo
Rohm
RFV12TG6S ROHM-RFV12TG6S Datasheet
560Kb / 6P
Super Fast Recovery Diode
RFV12TJ6S ROHM-RFV12TJ6S Datasheet
561Kb / 6P
Super Fast Recovery Diode
RFV12TJ6S ROHM-RFV12TJ6S Datasheet
997Kb / 8P
Super Fast Recovery Diode
RFV12TJ6S ROHM-RFV12TJ6S_16 Datasheet
997Kb / 8P
Super Fast Recovery Diode
RFV15TG6S ROHM-RFV15TG6S Datasheet
561Kb / 6P
Super Fast Recovery Diode
More results


Similar Description - RFV10N50

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FRM450D INTERSIL-FRM450D Datasheet
47Kb / 6P
10A, 500V, 0.600 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
RFH10N45 INTERSIL-RFH10N45 Datasheet
32Kb / 4P
10A, 450V and 500V, 0.600 Ohm, N-Channel Power MOSFETs
October 1998
RFM10N45 INTERSIL-RFM10N45 Datasheet
31Kb / 4P
10A, 450V and 500V, 0.600 Ohm, N-Channel Power MOSFETs
September 1998
logo
Advanced Power Technolo...
ARF460A ADPOW-ARF460A Datasheet
78Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
ARF465A ADPOW-ARF465A Datasheet
66Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
ARF466A ADPOW-ARF466A Datasheet
163Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
ARF473 ADPOW-ARF473 Datasheet
124Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
ARF521 ADPOW-ARF521 Datasheet
198Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
logo
Silicon Standard Corp.
SSM9926GEO SSC-SSM9926GEO Datasheet
154Kb / 6P
N-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
logo
IXYS Corporation
IXTT52N30P IXYS-IXTT52N30P_V01 Datasheet
146Kb / 6P
N-Channel Enhancement Mode Power MOSFETs
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com