Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC8100 Datasheet (PDF) - NEC

UPC8100 Datasheet PDF - NEC
Part # UPC8100
Download  UPC8100 Download
File Size   141.0 Kbytes
Page   16 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description SILICON UP/DOWN CONVERTERS IC FOR 800 MHz to 900 MHz MOBILE COMMUNICATIONS

UPC8100 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC8100 Datasheet PDF - NEC

Part # UPC8100
Download  UPC8100 Click to download

File Size   141.0 Kbytes
Page   16 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description SILICON UP/DOWN CONVERTERS IC FOR 800 MHz to 900 MHz MOBILE COMMUNICATIONS

UPC8100 Datasheet (HTML) - NEC


UPC8100 Product details

DESCRIPTION
µPC8100GR is a silicon monolithic integrated circuit designed as up/down converters for 800 MHz to 900 MHz mobile communications, mainly CT2. This IC consists of upconverter and downconverter, which are packaged in 20 pin SSOP. Quadrature modulator IC (µPC8101GR) is also available as for kit-use with this IC. So, these pair devices contribute to make RF block small, high-performance and low power-consumption.

FEATURES
• Operating frequency – fRF = 800 MHz to 900 MHz, fIF = 50 MHz to 150 MHz, fLo = 650 MHz to 1 050 MHz
• Upconverter and downconverter are integrated in 1 chip.
• 20 pin SSOP suitable for high-density surface mounting.
• Wide operating voltage VCC = 2.7 to 4.5 V
• Equipped with Power Save Function.
• Excellent linearity

APPLICATIONS
• Typical application – Digital cordless phone CT2.
• Further application – Digital cellular, etc.




Similar Part No. - UPC8100

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC8100GR RENESAS-UPC8100GR Datasheet
275Kb / 18P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
UPC8100GR-E2 RENESAS-UPC8100GR-E2 Datasheet
275Kb / 18P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
More results


Similar Description - UPC8100

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8101GR NEC-UPC8101GR Datasheet
109Kb / 3P
150 MHz SILICON QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATIONS
logo
Sony Corporation
CXA1851N SONY-CXA1851N Datasheet
223Kb / 12P
Up/Down Converter for 900 MHz-Band Mobile Communications
CXA1852N SONY-CXA1852N Datasheet
174Kb / 10P
Quadrature Modulator for 900 MHz-Band Mobile Communications
logo
fujitsu semiconductor
VC-23 FUJITSU-VC-23 Datasheet
105Kb / 11P
ASSP for Mobile Telephone VCO (800 to 2000 MHz)
logo
California Eastern Labs
UPC1687GV CEL-UPC1687GV Datasheet
48Kb / 5P
900 MHz SILICON RFIC DOWN CONVERTER
UPC1686GV CEL-UPC1686GV Datasheet
198Kb / 8P
900 MHz SILICON MMIC DOWN CONVERTER
logo
ATMEL Corporation
AT86RF212 ATMEL-AT86RF212_1 Datasheet
1Mb / 171P
Low Power 700/800/900 MHz
logo
Panasonic Semiconductor
AN26018A PANASONIC-AN26018A Datasheet
335Kb / 14P
LNA IC for UHF Band (400 MHz to 800 MHz) Applications
logo
Teledyne Technologies I...
AC885 TELEDYNE-AC885 Datasheet
172Kb / 2P
800 TO 900 MHz TO-8 CASCADABLE AMPLIFIER
AC986 TELEDYNE-AC986 Datasheet
174Kb / 2P
800 TO 900 MHz TO-8 CASCADABLE AMPLIFIER
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com