Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS83 Datasheet (PDF) - SUNMATE electronic Co., LTD

BAS83 Datasheet PDF - SUNMATE electronic Co., LTD
Part # BAS83
Download  BAS83 Download
File Size   229.06 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description 30mA Surface Mount Schottky Barrier Diode

BAS83 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS83 Datasheet PDF - SUNMATE electronic Co., LTD

Part # BAS83
Download  BAS83 Click to download

File Size   229.06 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description 30mA Surface Mount Schottky Barrier Diode

BAS83 Datasheet (HTML) - SUNMATE electronic Co., LTD


BAS83 Product details

Features
• Integrated protection ring against static discharge
• Low capacitance
• Low leakage current
• Low forward voltage drop
• Very low switching time
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC




Similar Part No. - BAS83

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS83 PHILIPS-BAS83 Datasheet
43Kb / 8P
Schottky barrier diodes
1998 Jun 24
logo
Vishay Siliconix
BAS83 VISHAY-BAS83 Datasheet
51Kb / 4P
Schottky Barrier Diodes
01-Apr-99
BAS83 VISHAY-BAS83 Datasheet
75Kb / 5P
Small Signal Schottky Diodes
15-Mar-06
logo
GOOD-ARK Electronics
BAS83 GOOD-ARK-BAS83 Datasheet
114Kb / 2P
Small Signal Schottky Barrier Diodes
logo
Vishay Siliconix
BAS83 VISHAY-BAS83 Datasheet
111Kb / 5P
Small Signal Schottky Diodes
23-Jul-10
More results


Similar Description - BAS83

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS751LV-40 SECOS-SCS751LV-40 Datasheet
208Kb / 2P
30V , 30mA Surface Mount Schottky Barrier Rectifiers
logo
Frontier Electronics.
ASD751V FRONTIER-ASD751V Datasheet
119Kb / 2P
30mA Advanced Schottky Barrier Diode (Surface mount small signal type)
ASD751V-LFR FRONTIER-ASD751V-LFR Datasheet
119Kb / 2P
30mA Advanced Schottky Barrier Diode (Surface mount small signal type)
logo
Formosa MS
FM751V-FL FORMOSA-FM751V-FL Datasheet
107Kb / 7P
30mA Surface Mount Small Signal Schottky Diode- 40V
FM751V-NL FORMOSA-FM751V-NL Datasheet
469Kb / 7P
30mA Surface Mount Small Signal Schottky Diode- 40V
logo
WILLAS ELECTRONIC CORP
SCS751CS-40T5G WILLAS-SCS751CS-40T5G Datasheet
358Kb / 3P
30mA Surface Mount Schottky Barrier Rectifiers - 40V
SCS751G WILLAS-SCS751G Datasheet
478Kb / 4P
30mA Surface Mount Schottky Barrier Rectifiers-40V
logo
SUNMATE electronic Co.,...
1S101A SUNMATE-1S101A Datasheet
187Kb / 2P
30mA Surface Mount Schottky Barrier Diode
LL101A SUNMATE-LL101A Datasheet
390Kb / 2P
30mA Surface Mount Schottky Barrier Diode
MCL101A SUNMATE-MCL101A Datasheet
147Kb / 2P
30mA Surface Mount Schottky Barrier Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com