Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS83 Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # BAS83
Description  30mA Surface Mount Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BAS83 Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  BAS83 Datasheet HTML 1Page - SUNMATE electronic Co., LTD BAS83 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 of 2
Figure 1. Max. Reverse Power Dissipation vs. Junction
Temperature
0
2
4
6
8
10
12
14
25
50
75
100
125
150
Tj -Junction Temperature (°C)
15794
VR =60 V
R
= 540 K/W
thJA
PR
VR
- Limit at 100 %
PR
VR
- Limit at 80 %
PR
VR
- Limit at 100 %
Figure 2. Reverse Current vs. Junction Temperature
0.1
100
1000
25
50
75
100
125
150
1
10
15795
VR = VRRM
Tj -Junction Temperature (°C)
Figure 3. Forward Current vs. Forward Voltage
0
0.5
1
1.5
2.0
VF - Forward Voltage (V)
15796
T
j = 25 °C
T
j =150 °C
0.1
1
10
100
1000
0.01
Figure 4. Diode Capacitance vs. Reverse Voltage
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1
1
10
100
VR -Reverse Voltage (V)
15797
f=1MHz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com