Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS83 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # BAS83
Description  30mA Surface Mount Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BAS83 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  BAS83 Datasheet HTML 1Page - SUNMATE electronic Co., LTD BAS83 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOD-80 Glass case
30mA Surface Mount Schottky Barrier Diode
1 of 2
Features
·
·
·
Features
·
Mechanical Data
A
C
B
Dim
Min
Max
A
3.30
3.70
B
1.30
1.60
C
0.28
0.50
All Dimensions in mm
@ TA = 25
°C unless otherwise specified
Maximum Ratings and Electrical Characteristics
·
SOD-80
·
·
Case:
·
·
·
Component in accordance to RoHS 2002/95/EC
Lead (Pb)-free component
Very low switching time
Low forward voltage drop
Low leakage current
Low capacitance
Integrated protection ring against static
discharge
and WEEE 2002/96/EC
·
Weight: approx. 31 mg
Cathode Band Color: Black
Packaging Codes/Options:
GS18 / 10 k per 13" reel (8 mm tape), 10 k/box
GS08 / 2.5 k per 7" reel (8 mm tape), 12.5 k/box
Parameter
Test condition
Part
Symbol
Value
Unit
Reverse voltage
BAS81
VR
40
V
BAS82
VR
50
V
BAS83
VR
60
V
Peak forward surge current
tp = 1 s
IFSM
500
mA
Repetitive peak forward current
IFRM
150
mA
Forward continuous current
IF
30
mA
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 0.1 mA
VF
330
mV
IF = 1 mA
VF
410
mV
IF = 15 mA
VF
1000
mV
Reverse current
VR = VRmax
IR
200
nA
Diode capacitance
VR = 1 V, f = 1 MHz
CD
1.6
pF
BAS81-BAS83


Similar Part No. - BAS83

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS83 PHILIPS-BAS83 Datasheet
43Kb / 8P
Schottky barrier diodes
1998 Jun 24
logo
Vishay Siliconix
BAS83 VISHAY-BAS83 Datasheet
51Kb / 4P
Schottky Barrier Diodes
01-Apr-99
BAS83 VISHAY-BAS83 Datasheet
75Kb / 5P
Small Signal Schottky Diodes
15-Mar-06
logo
GOOD-ARK Electronics
BAS83 GOOD-ARK-BAS83 Datasheet
114Kb / 2P
Small Signal Schottky Barrier Diodes
logo
Vishay Siliconix
BAS83 VISHAY-BAS83 Datasheet
111Kb / 5P
Small Signal Schottky Diodes
23-Jul-10
More results

Similar Description - BAS83

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS751LV-40 SECOS-SCS751LV-40 Datasheet
208Kb / 2P
30V , 30mA Surface Mount Schottky Barrier Rectifiers
logo
Frontier Electronics.
ASD751V FRONTIER-ASD751V Datasheet
119Kb / 2P
30mA Advanced Schottky Barrier Diode (Surface mount small signal type)
ASD751V-LFR FRONTIER-ASD751V-LFR Datasheet
119Kb / 2P
30mA Advanced Schottky Barrier Diode (Surface mount small signal type)
logo
Formosa MS
FM751V-FL FORMOSA-FM751V-FL Datasheet
107Kb / 7P
30mA Surface Mount Small Signal Schottky Diode- 40V
FM751V-NL FORMOSA-FM751V-NL Datasheet
469Kb / 7P
30mA Surface Mount Small Signal Schottky Diode- 40V
logo
WILLAS ELECTRONIC CORP
SCS751CS-40T5G WILLAS-SCS751CS-40T5G Datasheet
358Kb / 3P
30mA Surface Mount Schottky Barrier Rectifiers - 40V
SCS751G WILLAS-SCS751G Datasheet
478Kb / 4P
30mA Surface Mount Schottky Barrier Rectifiers-40V
logo
SUNMATE electronic Co.,...
1S101A SUNMATE-1S101A Datasheet
187Kb / 2P
30mA Surface Mount Schottky Barrier Diode
LL101A SUNMATE-LL101A Datasheet
390Kb / 2P
30mA Surface Mount Schottky Barrier Diode
MCL101A SUNMATE-MCL101A Datasheet
147Kb / 2P
30mA Surface Mount Schottky Barrier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com