Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV17 Datasheet (PDF) - SUNMATE electronic Co., LTD

BAV17 Datasheet PDF - SUNMATE electronic Co., LTD
Part # BAV17
Download  BAV17 Download
File Size   250.72 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description 250mA Axial Leaded Smalll Sighal Switching Diode

BAV17 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAV17 Datasheet PDF - SUNMATE electronic Co., LTD

Part # BAV17
Download  BAV17 Click to download

File Size   250.72 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description 250mA Axial Leaded Smalll Sighal Switching Diode

BAV17 Datasheet (HTML) - SUNMATE electronic Co., LTD


BAV17 Product details

Features

• Silicon epitaxial planar diode

• High speed switching diode

• 500 mW power dissipation



 




Similar Part No. - BAV17

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAV17 VISHAY-BAV17 Datasheet
129Kb / 5P
Small Signal Switching Diodes, High Voltage
20-Apr-06
logo
Fairchild Semiconductor
BAV17 FAIRCHILD-BAV17 Datasheet
36Kb / 1P
General Purpose Diodes
logo
Galaxy Semi-Conductor H...
BAV17 BILIN-BAV17 Datasheet
101Kb / 2P
SMALL SIGNAL SWITCHING DIODE
logo
Vishay Siliconix
BAV17 VISHAY-BAV17 Datasheet
123Kb / 5P
Small Signal Switching Diodes, High Voltage
19-Feb-07
BAV17 VISHAY-BAV17 Datasheet
106Kb / 4P
Small Signal Switching Diodes, High Voltage
02-Aug-12
More results


Similar Description - BAV17

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
1N4148 SUNMATE-1N4148 Datasheet
78Kb / 2P
150mA Axial Leaded Fast Switching Diode
1N4150 SUNMATE-1N4150 Datasheet
144Kb / 2P
200mA Axial Leaded Fast Switching Diode
1N4154 SUNMATE-1N4154 Datasheet
80Kb / 2P
150mA Axial Leaded Fast Switching Diode
1S1588 SUNMATE-1S1588 Datasheet
48Kb / 1P
0.5A Axial Leaded High Speed Switching Diode
1SS131 SUNMATE-1SS131 Datasheet
167Kb / 2P
130mA Axial Leaded High Speed Switching Diode
1SS133 SUNMATE-1SS133 Datasheet
193Kb / 2P
130mA Axial Leaded High Speed Switching Diode
1SS136 SUNMATE-1SS136 Datasheet
40Kb / 1P
200mA Axial Leaded High Speed Switching Diode
BAW27 SUNMATE-BAW27 Datasheet
73Kb / 1P
300mA Axial Leaded Smalll Sighal Switching Diode
logo
Central Semiconductor C...
PB_CFD4448_1509 CENTRAL-PB_CFD4448_1509 Datasheet
1Mb / 2P
120V, 250mA Switching Diode
logo
Nanjing International G...
1SS133 DGNJDZ-1SS133 Datasheet
1Mb / 2P
130mA Axial Leaded High Speed Switching Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com