Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAW27 Datasheet (PDF) - SUNMATE electronic Co., LTD

BAW27 Datasheet PDF - SUNMATE electronic Co., LTD
Part # BAW27
Download  BAW27 Download
File Size   73.12 Kbytes
Page   1 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description 300mA Axial Leaded Smalll Sighal Switching Diode

BAW27 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAW27 Datasheet PDF - SUNMATE electronic Co., LTD

Part # BAW27
Download  BAW27 Click to download

File Size   73.12 Kbytes
Page   1 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description 300mA Axial Leaded Smalll Sighal Switching Diode

BAW27 Datasheet (HTML) - SUNMATE electronic Co., LTD


BAW27 Product details

Features
● Silicon Epitaxial Planar Diode
● Low forward voltage drop
● High forward current capability
● Lead (Pb)-free component
● Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC




Similar Part No. - BAW27

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAW27 VISHAY-BAW27 Datasheet
34Kb / 3P
Silicon Epitaxial Planar Diode
01-Apr-99
BAW27 VISHAY-BAW27 Datasheet
110Kb / 4P
Small Signal Switching Diode
19-Feb-07
BAW27 VISHAY-BAW27 Datasheet
99Kb / 3P
Small Signal Switching Diode
17-Aug-10
BAW27 VISHAY-BAW27 Datasheet
75Kb / 3P
Small Signal Switching Diode
26-Nov-2021
BAW27-TAP VISHAY-BAW27-TAP Datasheet
110Kb / 4P
Small Signal Switching Diode
19-Feb-07
More results


Similar Description - BAW27

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
1N4148 SUNMATE-1N4148 Datasheet
78Kb / 2P
150mA Axial Leaded Fast Switching Diode
1N4150 SUNMATE-1N4150 Datasheet
144Kb / 2P
200mA Axial Leaded Fast Switching Diode
1N4154 SUNMATE-1N4154 Datasheet
80Kb / 2P
150mA Axial Leaded Fast Switching Diode
1S1588 SUNMATE-1S1588 Datasheet
48Kb / 1P
0.5A Axial Leaded High Speed Switching Diode
1SS131 SUNMATE-1SS131 Datasheet
167Kb / 2P
130mA Axial Leaded High Speed Switching Diode
1SS133 SUNMATE-1SS133 Datasheet
193Kb / 2P
130mA Axial Leaded High Speed Switching Diode
1SS136 SUNMATE-1SS136 Datasheet
40Kb / 1P
200mA Axial Leaded High Speed Switching Diode
1SS178 SUNMATE-1SS178 Datasheet
170Kb / 1P
100mA Axial Leaded High Speed Switching Diode
BAV17 SUNMATE-BAV17 Datasheet
250Kb / 2P
250mA Axial Leaded Smalll Sighal Switching Diode
logo
Nanjing International G...
1SS133 DGNJDZ-1SS133 Datasheet
1Mb / 2P
130mA Axial Leaded High Speed Switching Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com