Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR51HD310 Datasheet (PDF) - International Rectifier

IR51HD310 Datasheet PDF - International Rectifier
Part # IR51HD310
Download  IR51HD310 Download
File Size   183.25 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description SELF-OSCILLATING HALF-BRIDGE

IR51HD310 Datasheet (PDF)

Go To PDF Page Download Datasheet
IR51HD310 Datasheet PDF - International Rectifier

Part # IR51HD310
Download  IR51HD310 Click to download

File Size   183.25 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description SELF-OSCILLATING HALF-BRIDGE

IR51HD310 Datasheet (HTML) - International Rectifier


IR51HD310 Product details

The IRPLCFL1 is intended as a reference design to be used as a development tool to speed up customers’ time to market.

Features
• Drive 13W Compact Lamp
• 110 or 220 Vac Input
• High-Frequency Operation (34kHz)
• Soft Start with Cathode Preheating (45kHz)
• Lamp Removal Protection
• Burst Mode with Auto Restart
• IR51H420 Integrated Half-Bridge




Similar Part No. - IR51HD310

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR51HD310 IRF-IR51HD310 Datasheet
119Kb / 6P
POWIRLIGHTTM REFERENCE DESIGN : COMPACT BALLAST
More results


Similar Description - IR51HD310

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR51H214 IRF-IR51H214 Datasheet
223Kb / 6P
SELF-OSCILLATING HALF-BRIDGE
IR51H310 IRF-IR51H310 Datasheet
191Kb / 6P
SELF-OSCILLATING HALF-BRIDGE
IR51H320 IRF-IR51H320 Datasheet
181Kb / 6P
SELF-OSCILLATING HALF-BRIDGE
IR51H420 IRF-IR51H420 Datasheet
184Kb / 6P
SELF-OSCILLATING HALF-BRIDGE
IR51HD214 IRF-IR51HD214 Datasheet
184Kb / 6P
SELF-OSCILLATING HALF-BRIDGE
IR51HD320 IRF-IR51HD320 Datasheet
183Kb / 6P
SELF-OSCILLATING HALF-BRIDGE
IR51HD420 IRF-IR51HD420 Datasheet
183Kb / 6P
SELF-OSCILLATING HALF-BRIDGE
IR51HD737 IRF-IR51HD737 Datasheet
193Kb / 6P
SELF-OSCILLATING HALF-BRIDGE
IR53HD420 IRF-IR53HD420 Datasheet
82Kb / 8P
SELF-OSCILLATING HALF BRIDGE
IR51H224 IRF-IR51H224 Datasheet
73Kb / 7P
SELF-OSCILLATING HALF BRIDGE
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com