Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR51HD310 Datasheet(PDF) 4 Page - International Rectifier

Part # IR51HD310
Description  SELF-OSCILLATING HALF-BRIDGE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR51HD310 Datasheet(HTML) 4 Page - International Rectifier

  IR51HD310 Datasheet HTML 1Page - International Rectifier IR51HD310 Datasheet HTML 2Page - International Rectifier IR51HD310 Datasheet HTML 3Page - International Rectifier IR51HD310 Datasheet HTML 4Page - International Rectifier IR51HD310 Datasheet HTML 5Page - International Rectifier IR51HD310 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IR51HD310
Functional Block Diagram
IR2151
VO
COM
VB
VCC
VIN
IRFC310
IRFC310
1
2
3
4
6
9
7
RT
CT
Lead Definitions
Lead
Symbol
Description
VCC
Logic and internal gate drive supply voltage. An internal zener clamp diode at 15.6 V nominal is
included to allow the VCC to be current fed directly from VIN typically by means of a high value
resistor.
RT
Oscillator timing resistor input; a resistor is connected from RT to CT. RT is out of phase with
the half-bridge output (VO).
CT
Oscillator timing capacitor output; a capacitor is connected from CT to COM in order to program
the oscillator frequency according to the following equation:
f
=
+
1
14
R
75
C
TT
.
× (
) ×
where 75
Ω is the effective impedance of the RT output stage.
VB
High side gate drive floating supply. For bootstrap operation a high voltage fast recovery diode is
needed to feed from VCC to VB.
VIN
High voltage supply.
VO
Half-bridge output.
COM
Logic and low side of half-bridge return.
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com