Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR51HD310 Datasheet(PDF) 2 Page - International Rectifier

Part # IR51HD310
Description  SELF-OSCILLATING HALF-BRIDGE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR51HD310 Datasheet(HTML) 2 Page - International Rectifier

  IR51HD310 Datasheet HTML 1Page - International Rectifier IR51HD310 Datasheet HTML 2Page - International Rectifier IR51HD310 Datasheet HTML 3Page - International Rectifier IR51HD310 Datasheet HTML 4Page - International Rectifier IR51HD310 Datasheet HTML 5Page - International Rectifier IR51HD310 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IR51HD310
Absolute Maximum Ratings
Absolute Maximum Ratings indicate sustained limits beyond which damage to the device may occur. All
voltage parameters are absolute voltages referenced to COM, all currents are defined positive into any lead.
The Thermal Resistance and Power Dissipation ratings are measured under board mounted and still air
conditions.
Parameter
Symbol
Definition
Min.
Max.
Units
VIN
High Voltage Supply
-0.3
400
VB
High Side Floating Supply Absolute Voltage
-0.3
425
VO
Half-Bridge Output Voltage
-0.3
V+ + 0.3
V
VRT
RT Voltage
-0.3
VCC + 0.3
VCT
CT Voltage
-0.3
VCC + 0.3
ICC
Supply Current (Note 1)
---
25
mA
IRT
RT Output Current
-5
5
dv/dt
Peak Diode Recovery dv/dt
---
4.0
V/ns
PD
Package Power Dissipation @ TA
≤ +25ºC
---
2.00
W
RθJA
Thermal Resistance, Junction to Ambient
---
60
ºC/W
TJ
Junction Temperature
-55
150
TS
Storage Temperature
-55
150
ºC
TL
Lead Temperature (Soldering, 10 seconds)
---
300
Recommended Operating Conditions
The Input/Output logic timing diagram is shown in Figure 1. For proper operation the device should be used
within the recommended conditions.
Parameter
Symbol
Definition
Min.
Max.
Units
VB
High Side Floating Supply Absolute Voltage
VO + 10
VO + VCLAMP
VIN
High Voltage Supply
---
400
V
VO
Half-Bridge Output Voltage
-5
400
ID
Continuous Drain Current
(TA
= 25ºC)
---
0.70
A
(TA
= 85ºC)
---
0.45
ICC
Supply Current (Note 1)
---
5mA
TA
Ambient Temperature
-40
125
ºC
Note 1:
Because of the IR51HD310's application specificity toward off-line supply systems, this IC contains a
zener clamp structure between the chip VCC and COM which has a nominal breakdown voltage of
15.6V.
Therefore, the IC supply voltage is normally derived by current feeding the VCC lead
(typically by means of a high value resistor connected between the chip VCC and the rectified line
voltage and a local decoupling capacitor from VCC to COM) and allowing the internal zener clamp
circuit to determine the nominal supply voltage. Therefore, this circuit should not be driven by a DC,
low impedance power source of greater than VCLAMP.
Next Data Sheet
Index
Previous Datasheet
To Order



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com