Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1010E Datasheet (PDF) - International Rectifier

F1010E Datasheet PDF - International Rectifier
Part # F1010E
Download  F1010E Download
File Size   195.51 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=60V,Rds(on)=12mohm,Id=84A?

F1010E Datasheet (PDF)

Go To PDF Page Download Datasheet
F1010E Datasheet PDF - International Rectifier

Part # F1010E
Download  F1010E Click to download

File Size   195.51 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=60V,Rds(on)=12mohm,Id=84A?

F1010E Datasheet (HTML) - International Rectifier


F1010E Product details

• Advanced Process Technology

• Ultra Low On-Resistance

• Dynamic dv/dt Rating

• 175°C Operating Temperature

• Fast Switching

• Fully Avalanche Rated




Description

Advanced HEXFET®Power MOSFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET power MOSFETs are well

known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications.






 




Similar Part No. - F1010E

ManufacturerPart #DatasheetDescription
logo
Littelfuse
F101002-ND LITTELFUSE-F101002-ND Datasheet
660Kb / 4P
Fuse Blocks and Clips - For 3AG Fuses
logo
International Rectifier
F1010N IRF-F1010N Datasheet
211Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=11mohm, Id=85A??
F1010NS IRF-F1010NS Datasheet
146Kb / 10P
Power MOSFET(Vdss = 55 V, Rds(on)=11mohm, Id=85A??
More results


Similar Description - F1010E

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1010ES IRF-IRF1010ES Datasheet
123Kb / 10P
Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=84A??
IRF3708 IRF-IRF3708 Datasheet
138Kb / 10P
Power MOSFET(Vdss=30V, Rds(on)max=12mohm, Id=62A)
IRF7467 IRF-IRF7467 Datasheet
114Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)max=12mohm, Id=11A)
IRFIZ48V IRF-IRFIZ48V Datasheet
93Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=39A)
IRFR9024 IRF-IRFR9024 Datasheet
173Kb / 6P
Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-8.8A)
IRFZ24V IRF-IRFZ24V Datasheet
200Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=60mohm, Id=17A)
IRFZ44VZ IRF-IRFZ44VZ Datasheet
298Kb / 12P
Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=57A)
IRFZ48V IRF-IRFZ48V Datasheet
111Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=72A)
IRFZ48VS IRF-IRFZ48VS Datasheet
282Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=72A)
IRL3103S IRF-IRL3103S Datasheet
125Kb / 10P
Power MOSFET(Vdss=30V, Rds(on)=12mohm, Id=64A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com