Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US3G Datasheet (PDF) - SUNMATE electronic Co., LTD

US3G Datasheet PDF - SUNMATE electronic Co., LTD
Part # US3G
Download  US3G Download
File Size   330.4 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description 3.0A Surface Mount Ultra-Fast Rectifier

US3G Datasheet (PDF)

Go To PDF Page Download Datasheet
US3G Datasheet PDF - SUNMATE electronic Co., LTD

Part # US3G
Download  US3G Click to download

File Size   330.4 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description 3.0A Surface Mount Ultra-Fast Rectifier

US3G Datasheet (HTML) - SUNMATE electronic Co., LTD


US3G Product details

Features   
● Plastic package has underwrites laboratory flammability
   Classification 94V-0
● Glass passivated chip junction
● Built-in strain relief,
● Fast switching speed for high efficiency
● High temperature soldering guaranteed:
   250 °C/10 seconds




Similar Part No. - US3G

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
US3G SSE-US3G Datasheet
17Kb / 1P
SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
logo
Diotec Semiconductor
US3G DIOTEC-US3G Datasheet
164Kb / 2P
Ultrafast Switching Surface Mount Si-Rectifiers
logo
Semikron International
US3G SEMIKRON-US3G Datasheet
179Kb / 2P
Ultra silicon rectifier diodes
logo
Diotec Semiconductor
US3G DIOTEC-US3G Datasheet
69Kb / 2P
Ultrafast Switching Surface Mount Si-Diodes
logo
Semikron International
US3G SEMIKRON-US3G Datasheet
201Kb / 2P
Ultrafast silicon rectifier diodes
More results


Similar Description - US3G

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
ER3A WTE-ER3A Datasheet
51Kb / 3P
3.0A SURFACE MOUNT SUPER FAST RECTIFIER
UF3A WTE-UF3A Datasheet
50Kb / 3P
3.0A SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Diodes Incorporated
MURS320 DIODES-MURS320 Datasheet
64Kb / 2P
3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS30197 Rev. A-0
ES3A_ DIODES-ES3A_ Datasheet
107Kb / 3P
3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14003 Rev. 10 - 2
ES3A DIODES-ES3A_10 Datasheet
122Kb / 4P
3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14003 Rev. 15 - 2
ES3DB-13 DIODES-ES3DB-13 Datasheet
122Kb / 4P
3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
Rev 15
RS3J-13 DIODES-RS3J-13 Datasheet
121Kb / 4P
3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev 11
US3M DIODES-US3M_15 Datasheet
469Kb / 5P
3.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev 5
logo
Gaomi Xinghe Electronic...
US3ABF GXELECTRONICS-US3ABF Datasheet
481Kb / 2P
3.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
US3AF GXELECTRONICS-US3AF Datasheet
442Kb / 2P
3.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com