Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XCM526 Datasheet (PDF) - Torex Semiconductor

XCM526 Datasheet PDF - Torex Semiconductor
Part # XCM526
Download  XCM526 Download
File Size   681.75 Kbytes
Page   28 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description 3A, 16VDriver Transistor Built-In Step-Down DC/DC Converter

XCM526 Datasheet (PDF)

Go To PDF Page Download Datasheet
XCM526 Datasheet PDF - Torex Semiconductor

Part # XCM526
Download  XCM526 Click to download

File Size   681.75 Kbytes
Page   28 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description 3A, 16VDriver Transistor Built-In Step-Down DC/DC Converter

XCM526 Datasheet (HTML) - Torex Semiconductor


XCM526 Product details

GENERAL DESCRIPTION
The XCM526 series is a multi-module IC which includes a step-down DC/DC controller IC and P-channel power MOSFET. The IC enables a high efficiency, stable power supply with an output current up to 3A. Low ESR electrolytic capacitors such as an OS-CON aluminum solid capacitor, a tantalum Neo capacitor can be used as an output capacitor. In case of using a ceramic capacitor, RSENSE is needed to be placed on.
The XCM526 series has a 0.9V (±1.5%) reference voltage, and using externally connected resistors, the output voltage can be set freely. With an internal switching frequency of 500kHz and 1.0MHz, small external components can also be used. The XCM526A has a fixed PWM control for low output voltage ripple, and the XCM526B has a PWM/PFM control, which automatically switches from PWM to PFM during light loads and high efficiencies can be achieved over a wide range of load conditions. As for the soft-start time, there are two types, one is internally set to 4ms and the other can be externally set-up. With the built-in UVLO (Under Voltage Lock Out) function, the internal P-channel driver transistor is forced OFF when input voltage becomes 2.3V (TYP.) or lower.

■ FEATURES
<DC/DC Block>
   Operating Voltage Range : 4.0V ~ 16.0V
   Output Voltage Externally Set Range : 1.2V ~ (standard 0.9V +1.5%)
   Maximum Output Current : 3.0A
   Oscillation Frequency : 500kHz, 1.0MHz
   Control Methods : PWM control (XCM526A) PWM/PFM automatic switching (XCM526B)
   Soft-Start Function : 4ms internally fixed and externally set
   Protection Circuits : Short-circuit protection
   <Power MOSFET Block>
   ON Resistance : 70mΩ (VGS=-4.5V)
                              47mΩ (VGS=-10.0V)
   Package : USP-12B01 (2.3mm x 2.8mm)
   Environmentally Friendly : EU RoHS Compliant, Pb Free

■ APPLICATIONS
● LCD TVs
● DSC/DVCs
● Portable games
● Portable equipments




Similar Part No. - XCM526

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCM520 TOREX-XCM520 Datasheet
970Kb / 43P
600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
XCM520AA01DR-G TOREX-XCM520AA01DR-G Datasheet
970Kb / 43P
600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
XCM520AA02DR-G TOREX-XCM520AA02DR-G Datasheet
970Kb / 43P
600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
XCM520AA03DR-G TOREX-XCM520AA03DR-G Datasheet
970Kb / 43P
600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
XCM520AA04DR-G TOREX-XCM520AA04DR-G Datasheet
970Kb / 43P
600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
More results


Similar Description - XCM526

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1154 ANALOGICTECH-AAT1154_07 Datasheet
449Kb / 16P
1MHz 3A Step-Down DC/DC Converter
AAT1160 ANALOGICTECH-AAT1160 Datasheet
662Kb / 17P
12V, 3A Step-Down DC/DC Converter
logo
Holtek Semiconductor In...
HT7466 HOLTEK-HT7466 Datasheet
1Mb / 9P
3A Step-Down DC to DC Converter
September 02, 2011
logo
Active-Semi, Inc
ACT2103 ACTIVE-SEMI-ACT2103 Datasheet
733Kb / 16P
18V/3A Step-Down DC/DC Converter
Rev 2, 23-May-12
logo
Torex Semiconductor
XC9248 TOREX-XC9248 Datasheet
571Kb / 21P
18V Driver Transistor Built-In Synchronous Step-Down DC/DC Converter
logo
Active-Semi, Inc
ACT2113 ACTIVE-SEMI-ACT2113_14 Datasheet
690Kb / 17P
18V/3A Step-Down DC/DC Converter
Rev 3, 23-May-12
logo
Analog Intergrations Co...
AIC2565 AIC-AIC2565 Datasheet
399Kb / 13P
23V 3A Step-Down DC/DC Converter
logo
Holtek Semiconductor In...
HT7466 HOLTEK-HT7466_14 Datasheet
1Mb / 9P
3A Step-Down DC to DC Converter
September 11, 2014
logo
TECH PUBLIC Electronics...
LM2576 TECHPUBLIC-LM2576_V01 Datasheet
2Mb / 6P
3A / 52kHz Step-Down DC-DC Converter
LM2596 TECHPUBLIC-LM2596_V01 Datasheet
2Mb / 8P
3A / 150kHz Step-Down DC-DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com