Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7473 Datasheet (PDF) - International Rectifier

IRF7473 Datasheet PDF - International Rectifier
Part # IRF7473
Download  IRF7473 Download
File Size   196.09 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=100V, iD=6.9A)

IRF7473 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF7473 Datasheet PDF - International Rectifier

Part # IRF7473
Download  IRF7473 Click to download

File Size   196.09 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=100V, iD=6.9A)

IRF7473 Datasheet (HTML) - International Rectifier


IRF7473 Product details

Benefits
● Ultra Low On-Resistance
● High Speed Switching
● Low Gate Drive Current Due to Improved Gate Charge Characteristic
● Improved Avalanche Ruggedness and Dynamic dv/dt
● Fully Characterized Avalanche Voltage and Current

Applications
● Telecom and Data-Com 24 and 48V input DC-DC converters
● Motor Control
● Uninterrutible Power Supply

Typical SMPS Topologies
● Full and Half Bridge 48V input Circuit
● Forward 24V input Circuit




Similar Part No. - IRF7473

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7473PBF IRF-IRF7473PBF Datasheet
127Kb / 8P
HEXFET Power MOSFET
IRF7473PBF IRF-IRF7473PBF Datasheet
132Kb / 8P
Telecom and Data-Com 24 and 48V input DC-DC converters
IRF7473PBF-1 IRF-IRF7473PBF-1 Datasheet
199Kb / 8P
Industry-standard pinout SO-8 Package
IRF7473PBF-1 IRF-IRF7473PBF-1_15 Datasheet
199Kb / 8P
Industry-standard pinout SO-8 Package
IRF7473PBF IRF-IRF7473PBF_15 Datasheet
132Kb / 8P
Telecom and Data-Com 24 and 48V input DC-DC converters
More results


Similar Description - IRF7473

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC540 IRF-IRC540 Datasheet
222Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.077ohm, Id=28A)
IRF1310N IRF-IRF1310N Datasheet
96Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.036ohm, Id=42A)
IRF3710S IRF-IRF3710S Datasheet
184Kb / 10P
Power MOSFET(Vdss=100V, Rds(on)=0.025ohm, Id=57A)
IRF520VS IRF-IRF520VS Datasheet
129Kb / 10P
Power MOSFET(Vdss=100V, Rds(on)=0.165ohm, Id=9.6A)
IRF5210 IRF-IRF5210 Datasheet
125Kb / 8P
Power MOSFET(Vdss=-100V, Rds(on)=0.06ohm, Id=-40A)
IRF540N IRF-IRF540N Datasheet
99Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=44mohm, Id=33A)
IRF9510S IRF-IRF9510S Datasheet
176Kb / 6P
Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-4.0A)
IRF9520N IRF-IRF9520N Datasheet
95Kb / 8P
Power MOSFET(Vdss=-100V, Rds(on)=0.48ohm, Id=-6.8A)
IRFRU3910 IRF-IRFRU3910 Datasheet
141Kb / 10P
Power MOSFET(Vdss=100V, Rds=0.115ohm, Id=16A)
IRFRU5410 IRF-IRFRU5410 Datasheet
215Kb / 10P
Power MOSFET(Vdss=-100V, Rds(on)=0.205ohm, Id=-13A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com