Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7603 Datasheet (PDF) - International Rectifier

IRF7603 Datasheet PDF - International Rectifier
Part # IRF7603
Download  IRF7603 Download
File Size   113.89 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=30V, Rds(on)=0.035ohm)

IRF7603 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF7603 Datasheet PDF - International Rectifier

Part # IRF7603
Download  IRF7603 Click to download

File Size   113.89 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=30V, Rds(on)=0.035ohm)

IRF7603 Datasheet (HTML) - International Rectifier


IRF7603 Product details

Description
Fifth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications.
The new Micro8 package, with half the footprint area of the standard SO-8, provides the smallest footprint available in an SOIC outline. This makes the Micro8 an ideal device for applications where printed circuit board space is at a premium. The low profile (<1.1mm) of the Micro8 will allow it to fit easily into extremely thin application environments such as portable electronics and PCMCIA cards.

● Generation V Technology
● Ultra Low On-Resistance
● N-Channel MOSFET
● Very Small SOIC Package
● Low Profile (<1.1mm)
● Available in Tape & Reel
● Fast Switching




Similar Part No. - IRF7603

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7603PBF IRF-IRF7603PBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
More results


Similar Description - IRF7603

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5800 IRF-IRF5800 Datasheet
98Kb / 8P
Power MOSFET(Vdss=-30V, Rds(on)=0.085ohm)
IRF7413A IRF-IRF7413A Datasheet
116Kb / 9P
Power MOSFET(Vdss=30V, Rds(on)=0.0135ohm)
IRF7416 IRF-IRF7416 Datasheet
116Kb / 9P
Power MOSFET(Vdss=-30V, Rds(on)=0.02ohm)
IRF7503 IRF-IRF7503 Datasheet
114Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)=0.135ohm)
IRF7601 IRF-IRF7601 Datasheet
116Kb / 8P
Power MOSFET(Vdss=20V, Rds(on)=0.035ohm)
IRF7606 IRF-IRF7606 Datasheet
102Kb / 8P
Power MOSFET(Vdss=-30V, Rds(on)=0.09ohm)
IRF9410 IRF-IRF9410 Datasheet
114Kb / 7P
Power MOSFET(Vdss=30V, Rds(on)=0.030ohm)
IRF9956 IRF-IRF9956 Datasheet
107Kb / 7P
Power MOSFET(Vdss=30V, Rds(on)=0.10ohm)
IRLML2803 IRF-IRLML2803 Datasheet
191Kb / 9P
Power MOSFET(Vdss=30V, Rds(on)=0.25ohm)
SI4435DY IRF-SI4435DY Datasheet
82Kb / 8P
Power MOSFET(Vdss=-30V, Rds(on)=0.020ohm
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com