Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI4435DY Datasheet (PDF) - International Rectifier

SI4435DY Datasheet PDF - International Rectifier
Part # SI4435DY
Download  SI4435DY Download
File Size   82.64 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=-30V, Rds(on)=0.020ohm

SI4435DY Datasheet (PDF)

Go To PDF Page Download Datasheet
SI4435DY Datasheet PDF - International Rectifier

Part # SI4435DY
Download  SI4435DY Click to download

File Size   82.64 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=-30V, Rds(on)=0.020ohm

SI4435DY Datasheet (HTML) - International Rectifier


SI4435DY Product details

VDSS = -30V

RDS(on) = 0.020Ω



Description

These P-channel HEXFET® Power MOSFETs from International Rectifier utilize advanced processing techniques to achieve the extremely low on-resistance per silicon area. This benefit provides the designer with an extremely efficient device for use in battery and load management applications..



Ultra Low On-Resistance

P-Channel MOSFET

Surface Mount

Available in Tape & Reel




Similar Part No. - SI4435DY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SI4435DY FAIRCHILD-SI4435DY Datasheet
93Kb / 5P
30V P-Channel PowerTrench MOSFET
logo
Guangdong Kexin Industr...
SI4435DY KEXIN-SI4435DY Datasheet
490Kb / 2P
P-Channel MOSFET
logo
ON Semiconductor
SI4435DY ONSEMI-SI4435DY Datasheet
197Kb / 7P
30V P-Channel PowerTrench MOSFET
October 2001 Rev D1
logo
Guangdong Kexin Industr...
SI4435DY-HF KEXIN-SI4435DY-HF Datasheet
523Kb / 2P
P-Channel MOSFET
logo
VBsemi Electronics Co.,...
SI4435DY-T1-E3 VBSEMI-SI4435DY-T1-E3 Datasheet
1,001Kb / 9P
P-Channel 30-V (D-S) MOSFET
More results


Similar Description - SI4435DY

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5800 IRF-IRF5800 Datasheet
98Kb / 8P
Power MOSFET(Vdss=-30V, Rds(on)=0.085ohm)
IRF7413A IRF-IRF7413A Datasheet
116Kb / 9P
Power MOSFET(Vdss=30V, Rds(on)=0.0135ohm)
IRF7416 IRF-IRF7416 Datasheet
116Kb / 9P
Power MOSFET(Vdss=-30V, Rds(on)=0.02ohm)
IRF7503 IRF-IRF7503 Datasheet
114Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)=0.135ohm)
IRF7603 IRF-IRF7603 Datasheet
113Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)=0.035ohm)
IRF7606 IRF-IRF7606 Datasheet
102Kb / 8P
Power MOSFET(Vdss=-30V, Rds(on)=0.09ohm)
IRF7663 IRF-IRF7663 Datasheet
77Kb / 7P
Power MOSFET(Vdss=-20V, Rds(on)=0.020ohm)
IRF9410 IRF-IRF9410 Datasheet
114Kb / 7P
Power MOSFET(Vdss=30V, Rds(on)=0.030ohm)
IRFIZ46N IRF-IRFIZ46N Datasheet
104Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.020ohm, Id=33A)
IRFP044N IRF-IRFP044N Datasheet
105Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.020ohm, Id=53A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com