Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7416 Datasheet (PDF) - International Rectifier

IRF7416 Datasheet PDF - International Rectifier
Part # IRF7416
Download  IRF7416 Download
File Size   116.36 Kbytes
Page   9 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=-30V, Rds(on)=0.02ohm)

IRF7416 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF7416 Datasheet PDF - International Rectifier

Part # IRF7416
Download  IRF7416 Click to download

File Size   116.36 Kbytes
Page   9 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=-30V, Rds(on)=0.02ohm)

IRF7416 Datasheet (HTML) - International Rectifier


IRF7416 Product details

Description
Fifth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications.

● Generation V Technology
● Ultra Low On-Resistance
● P-Channel Mosfet
● Surface Mount
● Available in Tape & Reel
● Dynamic dv/dt Rating
● Fast Switching




Similar Part No. - IRF7416

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
IRF7416 UMW-IRF7416 Datasheet
435Kb / 8P
P-Channel 30 V (D-S) MOSFET
logo
EVER SEMICONDUCTOR CO.,...
IRF7416 EVVOSEMI-IRF7416 Datasheet
336Kb / 8P
P-Channel 30 V (D-S) MOSFET
Rev:2023A2
logo
International Rectifier
IRF7416GPBF IRF-IRF7416GPBF Datasheet
241Kb / 9P
Generation V Technology
IRF7416PBF IRF-IRF7416PBF Datasheet
201Kb / 9P
HEXFET Power MOSFET
IRF7416PBF IRF-IRF7416PBF Datasheet
242Kb / 9P
GENERATION V TECHNOLOGY
More results


Similar Description - IRF7416

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF4905 IRF-IRF4905 Datasheet
108Kb / 8P
Power MOSFET(Vdss=-55V, Rds(on)=0.02ohm, Id=-74A)
IRF4905S IRF-IRF4905S Datasheet
163Kb / 10P
Power MOSFET(Vdss=-55V, Rds(on)=0.02ohm, Id=-74A)
IRF5800 IRF-IRF5800 Datasheet
98Kb / 8P
Power MOSFET(Vdss=-30V, Rds(on)=0.085ohm)
IRF7413A IRF-IRF7413A Datasheet
116Kb / 9P
Power MOSFET(Vdss=30V, Rds(on)=0.0135ohm)
IRF7503 IRF-IRF7503 Datasheet
114Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)=0.135ohm)
IRF7603 IRF-IRF7603 Datasheet
113Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)=0.035ohm)
IRF7606 IRF-IRF7606 Datasheet
102Kb / 8P
Power MOSFET(Vdss=-30V, Rds(on)=0.09ohm)
IRF9410 IRF-IRF9410 Datasheet
114Kb / 7P
Power MOSFET(Vdss=30V, Rds(on)=0.030ohm)
IRF9956 IRF-IRF9956 Datasheet
107Kb / 7P
Power MOSFET(Vdss=30V, Rds(on)=0.10ohm)
SI4435DY IRF-SI4435DY Datasheet
82Kb / 8P
Power MOSFET(Vdss=-30V, Rds(on)=0.020ohm
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com