Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16602 Datasheet (PDF) - NEC

UPD16602 Datasheet PDF - NEC
Part # UPD16602
Download  UPD16602 Download
File Size   134.2 Kbytes
Page   16 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 312-OUTPUT TFT-LCD FULL COLOR DRIVER

UPD16602 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD16602 Datasheet PDF - NEC

Part # UPD16602
Download  UPD16602 Click to download

File Size   134.2 Kbytes
Page   16 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 312-OUTPUT TFT-LCD FULL COLOR DRIVER

UPD16602 Datasheet (HTML) - NEC


UPD16602 Product details

312-OUTPUT TFT-LCD FULL COLOR DRIVER

The µPD16602 is a TFT-LCD source driver with full color display capability. It is ideal for 1024 × 768 pixel (XGA) class high definition displays. The internal circuit consists of 12 channels (4 × 3) of analog input pins, 12 channels of 16-bit shift registers and 312 channels of sample & hold circuits (2 latch type).
Analog display signals are sampled in 12 channels simultaneously by the sample & hold circuits and they are output in the next line. The output voltage of the sample & hold circuits is as great as 10.5 VP-P and maintains high accuracy with an output deviation of ±20 mVMAX. Inputting analog display signals that been γ -processed in the previous stage signal processing circuit allows realization of a high definition 256-gray-scale-equivalent full color display without requiring line inversion.

FEATURES
• 4 × 3 (RGB)-channel analog input allows display signal input wiring to be reduced.
• High dynamic range (10.0 VP-PMIN. VDD2 = 11.0 V)
• High accuracy sample & hold circuits (output deviation; ±20 mVMAX., ±5.0 mVTYP.)
• High-speed sampling frequency (for both analog and digital; fmax. = 20 MHzMIN.)
• Low power control (reduction of output buffer bias current) function on chip
    (operating power consumption; 82 mWTYP., VDD2 = 12.5 V)
• Bi-directional data store function on chip
• Corresponding to high-density mounting (slim TCP)




Similar Part No. - UPD16602

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16602 RENESAS-UPD16602 Datasheet
231Kb / 18P
MOS INTEGRATED CIRCUIT
1998
UPD166020T1F RENESAS-UPD166020T1F Datasheet
383Kb / 25P
MOS INTEGRATED CIRCUIT
UPD166020T1F-E1-AY RENESAS-UPD166020T1F-E1-AY Datasheet
383Kb / 25P
MOS INTEGRATED CIRCUIT
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
MOS INTEGRATED CIRCUIT
UPD166021T1F-E1-AY RENESAS-UPD166021T1F-E1-AY Datasheet
382Kb / 25P
MOS INTEGRATED CIRCUIT
More results


Similar Description - UPD16602

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16633B NEC-UPD16633B Datasheet
108Kb / 20P
312 OUTPUT TFT-LCD SORCE DRIVER COMPATIBLE WITH 64 GRAY SCALES
UPD16655 NEC-UPD16655 Datasheet
71Kb / 12P
240-OUTPUT TFT-LCD GATE DRIVER
UPD160040 NEC-UPD160040 Datasheet
157Kb / 19P
384-OUTPUT TFT-LCD SOURCE DRIVER
UPD160040B NEC-UPD160040B Datasheet
156Kb / 19P
384-OUTPUT TFT-LCD SOURCE DRIVER
UPD160061 NEC-UPD160061 Datasheet
230Kb / 18P
384-OUTPUT TFT-LCD SOURCE DRIVER
UPD16781 NEC-UPD16781 Datasheet
115Kb / 16P
480 OUTPUT TFT-LCD SOURCE DRIVER
logo
Renesas Technology Corp
PD16602 RENESAS-PD16602_15 Datasheet
232Kb / 18P
312-OUTPUT TFT-LCD FULL COLOR DRIVER
PD16781 RENESAS-PD16781_15 Datasheet
237Kb / 18P
480 OUTPUT TFT-LCD SOURCE DRIVER
logo
Purdy Electronics Corpo...
AND-TFT-104TS PURDY-AND-TFT-104TS Datasheet
1,008Kb / 15P
color TFT-LCD
logo
Crystalfontz America, I...
CFAF800480C1-050T CRYSTAIFONTZ-CFAF800480C1-050T Datasheet
1Mb / 19P
FULL COLOR TFT LCD MODULE
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com