Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFD9120 Datasheet (PDF) - International Rectifier

IRFD9120 Datasheet PDF - International Rectifier
Part # IRFD9120
Download  IRFD9120 Download
File Size   173.72 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=-100V, Rds(on)=0.60ohm, Id=-1.0A)

IRFD9120 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFD9120 Datasheet PDF - International Rectifier

Part # IRFD9120
Download  IRFD9120 Click to download

File Size   173.72 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=-100V, Rds(on)=0.60ohm, Id=-1.0A)

IRFD9120 Datasheet (HTML) - International Rectifier


IRFD9120 Product details

DESCRIPTION
Third Generation HEXFETs  from International Rectifier provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness.

FEATURES
• Dynamic dV/dt Rating
• Repetitive Avalanche Rated
• For Automatic Insertion
• End Stackable
• P-Channel
• 175 °C Operating Temperature
• Fast Switching




Similar Part No. - IRFD9120

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFD9120 INTERSIL-IRFD9120 Datasheet
52Kb / 6P
1.0A, 100V, 0.6 Ohm, P-Channel Power MOSFET
July 1999
logo
Vishay Siliconix
IRFD9120 VISHAY-IRFD9120 Datasheet
1Mb / 8P
Power MOSFET
16-Jun-08
IRFD9120 VISHAY-IRFD9120 Datasheet
1,020Kb / 9P
Power MOSFET
30-Aug-2021
logo
SYC Electronica
IRFD9120 SYC-IRFD9120 Datasheet
128Kb / 6P
1.0A, 100V, 0.6 Ohm, P-Channel Power MOSFET
logo
Vishay Siliconix
IRFD9120PBF VISHAY-IRFD9120PBF Datasheet
1Mb / 8P
Power MOSFET
16-Jun-08
More results


Similar Description - IRFD9120

ManufacturerPart #DatasheetDescription
logo
International Rectifier
448IRF IRF-448IRF Datasheet
168Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=0.60ohm, Id=11A)
C50IRF IRF-C50IRF Datasheet
164Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=0.60ohm, Id=11A)
IRC540 IRF-IRC540 Datasheet
222Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.077ohm, Id=28A)
IRF1310N IRF-IRF1310N Datasheet
96Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.036ohm, Id=42A)
IRFD110 IRF-IRFD110 Datasheet
174Kb / 6P
Power MOSFET(Vdss=100V, Rds(on)=0.54ohm, Id=1.0A)
IRFPC50LC IRF-IRFPC50LC Datasheet
333Kb / 8P
Power MOSFET(Vdss=600V, Rds(on)=0.60ohm, Id=11A)
IRFR9120 IRF-IRFR9120 Datasheet
173Kb / 6P
Power MOSFET(Vdss=-100V, Rds(on)=0.60ohm, Id=-5.6A)
IRFRU5410 IRF-IRFRU5410 Datasheet
215Kb / 10P
Power MOSFET(Vdss=-100V, Rds(on)=0.205ohm, Id=-13A)
IRLML5103 IRF-IRLML5103 Datasheet
193Kb / 9P
Power MOSFET(Vdss=-30V, Rds(on)=0.60ohm)
JANTX2N6845 IRF-JANTX2N6845 Datasheet
232Kb / 6P
POWER MOSFET P-CHANNEL(BVdss=-100V, Rds(on)=0.60ohm, Id=-4.0A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com