Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLML5103 Datasheet (PDF) - International Rectifier

IRLML5103 Datasheet PDF - International Rectifier
Part # IRLML5103
Download  IRLML5103 Download
File Size   193.69 Kbytes
Page   9 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=-30V, Rds(on)=0.60ohm)

IRLML5103 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRLML5103 Datasheet PDF - International Rectifier

Part # IRLML5103
Download  IRLML5103 Click to download

File Size   193.69 Kbytes
Page   9 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=-30V, Rds(on)=0.60ohm)

IRLML5103 Datasheet (HTML) - International Rectifier


IRLML5103 Product details

Description
Fifth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET® power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in wide variety of applications.

• Generation V Technology
• Ultra Low On-Resistance
• P-Channel MOSFET
• SOT-23 Footprint
• Low Profile (<1.1mm)
• Available in Tape and Reel
• Fast Switching




Similar Part No. - IRLML5103

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML5103 IRF-IRLML5103 Datasheet
81Kb / 8P
HEXFET Power MOSFET
logo
GUANGDONG HOTTECH INDUS...
IRLML5103 HOTTECH-IRLML5103 Datasheet
550Kb / 4P
Power MOSFET
logo
Guangdong Youtai Semico...
IRLML5103 UMW-IRLML5103 Datasheet
428Kb / 6P
Generation VTechnology
logo
EVER SEMICONDUCTOR CO.,...
IRLML5103 EVVOSEMI-IRLML5103 Datasheet
388Kb / 6P
MOSFET
Rev:2023A2
logo
International Rectifier
IRLML5103GPBF IRF-IRLML5103GPBF Datasheet
242Kb / 8P
HEXFET POWER MOSFET
More results


Similar Description - IRLML5103

ManufacturerPart #DatasheetDescription
logo
International Rectifier
448IRF IRF-448IRF Datasheet
168Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=0.60ohm, Id=11A)
C50IRF IRF-C50IRF Datasheet
164Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=0.60ohm, Id=11A)
IRF5800 IRF-IRF5800 Datasheet
98Kb / 8P
Power MOSFET(Vdss=-30V, Rds(on)=0.085ohm)
IRF7416 IRF-IRF7416 Datasheet
116Kb / 9P
Power MOSFET(Vdss=-30V, Rds(on)=0.02ohm)
IRF7503 IRF-IRF7503 Datasheet
114Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)=0.135ohm)
IRF7603 IRF-IRF7603 Datasheet
113Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)=0.035ohm)
IRFD9120 IRF-IRFD9120 Datasheet
173Kb / 6P
Power MOSFET(Vdss=-100V, Rds(on)=0.60ohm, Id=-1.0A)
IRFPC50LC IRF-IRFPC50LC Datasheet
333Kb / 8P
Power MOSFET(Vdss=600V, Rds(on)=0.60ohm, Id=11A)
IRFR9120 IRF-IRFR9120 Datasheet
173Kb / 6P
Power MOSFET(Vdss=-100V, Rds(on)=0.60ohm, Id=-5.6A)
SI4435DY IRF-SI4435DY Datasheet
82Kb / 8P
Power MOSFET(Vdss=-30V, Rds(on)=0.020ohm
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com