Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFD9120 Datasheet (PDF) - SYC Electronica

IRFD9120 Datasheet PDF - SYC Electronica
Part # IRFD9120
Download  IRFD9120 Download
File Size   128.69 Kbytes
Page   6 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description 1.0A, 100V, 0.6 Ohm, P-Channel Power MOSFET

IRFD9120 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFD9120 Datasheet PDF - SYC Electronica

Part # IRFD9120
Download  IRFD9120 Click to download

File Size   128.69 Kbytes
Page   6 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description 1.0A, 100V, 0.6 Ohm, P-Channel Power MOSFET

IRFD9120 Datasheet (HTML) - SYC Electronica


IRFD9120 Product details

Features
• 1.0A, 100V
• rDS(ON) = 0.6W
• Single Pulse Avalanche Energy Rated
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance




Similar Part No. - IRFD9120

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFD9120 INTERSIL-IRFD9120 Datasheet
52Kb / 6P
1.0A, 100V, 0.6 Ohm, P-Channel Power MOSFET
July 1999
logo
International Rectifier
IRFD9120 IRF-IRFD9120 Datasheet
173Kb / 6P
Power MOSFET(Vdss=-100V, Rds(on)=0.60ohm, Id=-1.0A)
logo
Vishay Siliconix
IRFD9120 VISHAY-IRFD9120 Datasheet
1Mb / 8P
Power MOSFET
16-Jun-08
IRFD9120 VISHAY-IRFD9120 Datasheet
1,020Kb / 9P
Power MOSFET
30-Aug-2021
IRFD9120PBF VISHAY-IRFD9120PBF Datasheet
1Mb / 8P
Power MOSFET
16-Jun-08
More results


Similar Description - IRFD9120

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF9130 INTERSIL-IRF9130 Datasheet
58Kb / 7P
-12A, -100V, 0.30 Ohm, P-Channel Power MOSFET
February 1999
IRF9140 INTERSIL-IRF9140 Datasheet
59Kb / 7P
-19A, -100V, 0.200 Ohm, P-Channel Power MOSFET
February 1999
IRF9150 INTERSIL-IRF9150 Datasheet
57Kb / 7P
-25A, -100V, 0.150 Ohm, P-Channel Power MOSFET
February 1999
IRF9510 INTERSIL-IRF9510 Datasheet
59Kb / 7P
3.0A, 100V, 1.200 Ohm, P-Channel Power MOSFET
July 1999
IRF9520 INTERSIL-IRF9520 Datasheet
57Kb / 7P
6A, 100V, 0.600 Ohm, P-Channel Power MOSFET
July 1999
IRFD9110 INTERSIL-IRFD9110 Datasheet
54Kb / 6P
0.7A, 100V, 1.200 Ohm, P-Channel Power MOSFET
July 1999
IRFD9120 INTERSIL-IRFD9120 Datasheet
52Kb / 6P
1.0A, 100V, 0.6 Ohm, P-Channel Power MOSFET
July 1999
IRFF9120 INTERSIL-IRFF9120 Datasheet
59Kb / 7P
4A, 100V, 0.60 Ohm, P-Channel Power MOSFET
June 1999
IRFP9140 INTERSIL-IRFP9140 Datasheet
59Kb / 7P
19A, 100V, 0.200 Ohm, P-Channel Power MOSFET
July 1999
RFP8P10 INTERSIL-RFP8P10 Datasheet
40Kb / 5P
8A, 100V, 0.400 Ohm, P-Channel Power MOSFET
July 1999
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com