Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFP8P10 Datasheet (PDF) - Intersil Corporation

RFP8P10 Datasheet PDF - Intersil Corporation
Part # RFP8P10
Download  RFP8P10 Download
File Size   40.9 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8A, 100V, 0.400 Ohm, P-Channel Power MOSFET

RFP8P10 Datasheet (PDF)

Go To PDF Page Download Datasheet
RFP8P10 Datasheet PDF - Intersil Corporation

Part # RFP8P10
Download  RFP8P10 Click to download

File Size   40.9 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8A, 100V, 0.400 Ohm, P-Channel Power MOSFET

RFP8P10 Datasheet (HTML) - Intersil Corporation


RFP8P10 Product details

This P-Channel enhancement mode silicon gate power field effect transistor is designed for applications such as switching regulators, switching convertors, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. These types can be operated directly from integrated circuits.
Formerly developmental type TA17511.

Features
• 8A, 100V
• rDS(ON) = 0.400Ω
• Related Literature
    - TB334 “Guidelines for Soldering Surface Mount Components to PC Boards”




Similar Part No. - RFP8P10

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
RFP8P10 HARRIS-RFP8P10 Datasheet
279Kb / 5P
-8A, -80V AND -100V, 0.400 Ohm, P-CHANNEL POWER MOSFETS
logo
VBsemi Electronics Co.,...
RFP8P10 VBSEMI-RFP8P10 Datasheet
966Kb / 7P
P-Channel 100 V (D-S) MOSFET
logo
Inchange Semiconductor ...
RFP8P10 ISC-RFP8P10 Datasheet
348Kb / 2P
isc P-Channel MOSFET Transistor
More results


Similar Description - RFP8P10

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
2N6796 INTERSIL-2N6796 Datasheet
140Kb / 7P
8A, 100V, 0.180 Ohm, N-Channel Power MOSFET
November 1998
IRF9130 INTERSIL-IRF9130 Datasheet
58Kb / 7P
-12A, -100V, 0.30 Ohm, P-Channel Power MOSFET
February 1999
IRF9150 INTERSIL-IRF9150 Datasheet
57Kb / 7P
-25A, -100V, 0.150 Ohm, P-Channel Power MOSFET
February 1999
IRF9520 INTERSIL-IRF9520 Datasheet
57Kb / 7P
6A, 100V, 0.600 Ohm, P-Channel Power MOSFET
July 1999
IRFD9110 INTERSIL-IRFD9110 Datasheet
54Kb / 6P
0.7A, 100V, 1.200 Ohm, P-Channel Power MOSFET
July 1999
IRFD9120 INTERSIL-IRFD9120 Datasheet
52Kb / 6P
1.0A, 100V, 0.6 Ohm, P-Channel Power MOSFET
July 1999
IRFF230 INTERSIL-IRFF230 Datasheet
327Kb / 7P
5.5A, 200V, 0.400 Ohm, N-Channel Power MOSFET
March 1999
JANSR2N7272 INTERSIL-JANSR2N7272 Datasheet
39Kb / 7P
8A, 100V, 0.180 Ohm, Rad Hard, N-Channel Power MOSFET
June 1998
JANSR2N7395 INTERSIL-JANSR2N7395 Datasheet
45Kb / 8P
8A, 100V, 0.230 Ohm, Rad Hard, N-Channel Power MOSFET
June 1998
logo
Harris Corporation
RFP8P08 HARRIS-RFP8P08 Datasheet
279Kb / 5P
-8A, -80V AND -100V, 0.400 Ohm, P-CHANNEL POWER MOSFETS
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com