Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16664N Datasheet (PDF) - NEC

UPD16664N Datasheet PDF - NEC
Part # UPD16664N
Download  UPD16664N Download
File Size   347.04 Kbytes
Page   52 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 144/160/184/208-OUTPUT LCD COLUMN SEGMENT DRIVER WITH RAM

UPD16664N Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD16664N Datasheet PDF - NEC

Part # UPD16664N
Download  UPD16664N Click to download

File Size   347.04 Kbytes
Page   52 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 144/160/184/208-OUTPUT LCD COLUMN SEGMENT DRIVER WITH RAM

UPD16664N Datasheet (HTML) - NEC


UPD16664N Product details

DESCRIPTION

The µ PD16664 is a column (segment) driver with internal RAM and can drive a full-dot LCD. Equipped with 144/160/184/208-output pins and a display RAM of 208 x 160 x 2 bits, this driver can display any of four gray levels selected from a 25-level palette. By using this IC in combination with the µ PD16667, 144 x 128 pixels to 416 x 320 pixels can be displayed.



FEATURES

• Internal display RAM : 208 x 160 x 2 bits

• Logic voltage : 2.4 to 3.6 V

• Duty : 1/128, 1/160 selectable

• Number of outputs : 144,160,184 and 208 pins selectable

• Display : Four gray levels (selectable from 25-level palette)

• Memory management : Packed pixel method

• Supports 8/16-bit data bus




Similar Part No. - UPD16664N

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16664N-001 RENESAS-UPD16664N-001 Datasheet
1Mb / 54P
MOS INTEGRATED CIRCUIT
1999
UPD16664N-XXX RENESAS-UPD16664N-XXX Datasheet
1Mb / 54P
MOS INTEGRATED CIRCUIT
1999
More results


Similar Description - UPD16664N

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16661A NEC-UPD16661A Datasheet
187Kb / 36P
160-OUTPUT LCD COLUMN SEGMENT DRIVER WITH RAM
UPD16662 NEC-UPD16662 Datasheet
260Kb / 36P
240 OUTPUT LCD COLUMN SEGMENT DRIVER WITH BUILT-IN RAM
UPD16663 NEC-UPD16663 Datasheet
289Kb / 40P
240-OUTPUT LCD COLUMN SEGMENT DRIVER WITH BUILT-IN RAM
logo
List of Unclassifed Man...
ST8016 ETC-ST8016 Datasheet
56Kb / 1P
160 Output LCD Common/Segment driver IC
logo
Sharp Corporation
LH1560F SHARP-LH1560F Datasheet
1Mb / 30P
160 OUTPUT LCD SEGMENT / COMMON DRIVER
logo
List of Unclassifed Man...
NT7701 ETC-NT7701 Datasheet
466Kb / 37P
160 Output LCD Segment/Common Driver
NT7703 ETC-NT7703 Datasheet
447Kb / 37P
160 Output LCD Segment/Common Driver
logo
Taiwan Memory Technolog...
T66H0002A TMT-T66H0002A Datasheet
421Kb / 36P
160 output LCD Segment/Common Driver IC
logo
Motorola, Inc
MC141563 MOTOROLA-MC141563 Datasheet
226Kb / 15P
LCD Segment (Column) Driver CMOS
logo
Sitronix Technology Co....
ST8016 SITRONIX-ST8016 Datasheet
407Kb / 28P
160 Output LCD Common/ Segment Driver IC
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com