Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16667 Datasheet (PDF) - NEC

UPD16667 Datasheet PDF - NEC
Part # UPD16667
Download  UPD16667 Download
File Size   155.55 Kbytes
Page   16 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 160-OUTPUT LCD ROW DRIVER

UPD16667 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD16667 Datasheet PDF - NEC

Part # UPD16667
Download  UPD16667 Click to download

File Size   155.55 Kbytes
Page   16 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 160-OUTPUT LCD ROW DRIVER

UPD16667 Datasheet (HTML) - NEC


UPD16667 Product details

The µPD16667 is a row (common) driver which contains a RAM capable of full-dot LCD display. With 160 outputs, this driver can be combined with a column (segment) driver, µPD16662, which contains a RAM to display 240 × 160 pixels to 480 × 320 pixels.

With a built-in display RAM, the column driver can reduce the current consumption, thus making it most suitable for the display block of a PDA or portable terminal.



FEATURES

• LCD-driven voltage: 20 to 36 V

• Duty: 1/160

• Driving type: 2 lines selected simultaneously

• Output count: 160 outputs

• Capable of gray scale display: 4 gray scales




Similar Part No. - UPD16667

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16667 RENESAS-UPD16667 Datasheet
312Kb / 18P
MOS INTEGRATED CIRCUIT
1998
UPD16667N-051 RENESAS-UPD16667N-051 Datasheet
312Kb / 18P
MOS INTEGRATED CIRCUIT
1998
UPD16667N-XXX RENESAS-UPD16667N-XXX Datasheet
312Kb / 18P
MOS INTEGRATED CIRCUIT
1998
More results


Similar Description - UPD16667

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16661A NEC-UPD16661A Datasheet
187Kb / 36P
160-OUTPUT LCD COLUMN SEGMENT DRIVER WITH RAM
logo
OKI electronic componet...
ML9060 OKI-ML9060 Datasheet
156Kb / 18P
1/2 DUTY, 160-OUTPUT STATIC LCD DRIVER
logo
Samsung semiconductor
KS0794 SAMSUNG-KS0794 Datasheet
268Kb / 31P
160 COM / 160 SEG DRIVER FOR STN LCD
logo
List of Unclassifed Man...
ST8016 ETC-ST8016 Datasheet
56Kb / 1P
160 Output LCD Common/Segment driver IC
logo
Sharp Corporation
LH1560F SHARP-LH1560F Datasheet
1Mb / 30P
160 OUTPUT LCD SEGMENT / COMMON DRIVER
logo
List of Unclassifed Man...
NT7701 ETC-NT7701 Datasheet
466Kb / 37P
160 Output LCD Segment/Common Driver
NT7703 ETC-NT7703 Datasheet
447Kb / 37P
160 Output LCD Segment/Common Driver
logo
Taiwan Memory Technolog...
T66H0002A TMT-T66H0002A Datasheet
421Kb / 36P
160 output LCD Segment/Common Driver IC
logo
Sitronix Technology Co....
ST8016 SITRONIX-ST8016 Datasheet
407Kb / 28P
160 Output LCD Common/ Segment Driver IC
logo
Linear Dimensions Semic...
LND8924 LINEAR_DIMENSIONS-LND8924 Datasheet
124Kb / 1P
DRIVER: 160 Output, 8 Input, Dynamic Drive Ch-LCD Driver
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com